Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2430 Datasheet(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 212 page
background image
CC2430
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 11 of 211
7
Electrical Specifications
Measured on Texas Instruments
CC2430 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 4: Electrical Specifications
Parameter
Min
Typ
Max
Unit
Condition
Current Consumption
MCU Active Mode, 16 MHz,
low MCU activity
4.3
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
Low MCU activity: no flash access (i.e. only cache hit),
no RAM access.
MCU Active Mode, 16 MHz,
medium MCU activity
5.1
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
Medium MCU activity: normal flash access
1, minor RAM
access.
MCU Active Mode, 16 MHz,
high MCU activity
5.7
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
High MCU activity: normal flash access
1, extensive RAM
access and heavy CPU load.
MCU Active Mode, 32 MHz,
low MCU activity
9.5
mA
32 MHz XOSC running. No radio or peripherals active.
Low MCU activity : no flash access (i.e. only cache hit),
no RAM access
MCU Active Mode, 32 MHz,
medium MCU activity
10.5
mA
32 MHz XOSC running. No radio or peripherals active.
Medium MCU activity: normal flash access
1, minor RAM
access.
MCU Active Mode, 32 MHz,
high MCU activity
12.3
mA
32 MHz XOSC running. No radio or peripherals active.
High MCU activity: normal flash access
1, extensive RAM
access and heavy CPU load.
MCU Active and RX Mode
26.7
mA
MCU running at full speed (32MHz), 32MHz XOSC
running, radio in RX mode, -50 dBm input power. No
peripherals active. Low MCU activity.
MCU Active and TX Mode, 0dBm
26.9
mA
MCU running at full speed (32MHz), 32MHz XOSC
running, radio in TX mode, 0dBm output power. No
peripherals active. Low MCU activity.
Power mode 1
190
µA
Digital regulator on, 16 MHz RCOSC and 32 MHz crystal
oscillator off. 32.768 kHz XOSC, POR and ST active.
RAM retention.
Power mode 2
0.5
µA
Digital regulator off, 16 MHz RCOSC and 32 MHz crystal
oscillator off. 32.768 kHz XOSC, POR and ST active.
RAM retention.
Power mode 3
0.3
µA
No clocks. RAM retention. POR active.
Peripheral Current
Consumption
Adds to the figures above if the peripheral unit is
activated
Timer 1
150
µA
Timer running, 32MHz XOSC used.
Timer 2
230
µA
Timer running, 32MHz XOSC used.
Timer 3
50
µA
Timer running, 32MHz XOSC used.
Timer 4
50
µA
Timer running, 32MHz XOSC used.
Sleep Timer
0.2
µA
Including 32.753 kHz RCOSC.
ADC
1.2
mA
When converting.
Flash write
3
mA
Estimated value
Flash erase
3
mA
Estimated value
1 Normal Flash access means that the code used exceeds the cache storage (see last paragraph
in section 11.2.3 Flash memory) so cache misses will happen frequently.


Similar Part No. - CC2430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2430-RTB1-F128 TI-CC2430-RTB1-F128 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2430-RTB1-F128Z TI-CC2430-RTB1-F128Z Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2430-RTB1-F32 TI-CC2430-RTB1-F32 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2430-RTB1-F32Z TI-CC2430-RTB1-F32Z Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results

Similar Description - CC2430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com