Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD5N20 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD5N20
Description  N - CHANNEL 200V - 0.7ohm - 5A - TO-251/TO-252 POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5N20 Datasheet(HTML) 5 Page - STMicroelectronics

  STD5N20 Datasheet HTML 1Page - STMicroelectronics STD5N20 Datasheet HTML 2Page - STMicroelectronics STD5N20 Datasheet HTML 3Page - STMicroelectronics STD5N20 Datasheet HTML 4Page - STMicroelectronics STD5N20 Datasheet HTML 5Page - STMicroelectronics STD5N20 Datasheet HTML 6Page - STMicroelectronics STD5N20 Datasheet HTML 7Page - STMicroelectronics STD5N20 Datasheet HTML 8Page - STMicroelectronics STD5N20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Capacitance Variations
Normalized On Resistance vs Temperature
Turn-off Drain-source Voltage Slope
Normalized Gate Threshold Voltage vs
Temperature
Turn-on Current Slope
Cross-over Time
STD5N20
5/10


Similar Part No. - STD5N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N20 STMICROELECTRONICS-STD5N20 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
logo
VBsemi Electronics Co.,...
STD5N20 VBSEMI-STD5N20 Datasheet
1Mb / 10P
   N-Channel 200 V (D-S) MOSFET
logo
STMicroelectronics
STD5N20L STMICROELECTRONICS-STD5N20L Datasheet
273Kb / 10P
   N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
STD5N20LT4 STMICROELECTRONICS-STD5N20LT4 Datasheet
273Kb / 10P
   N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
logo
VBsemi Electronics Co.,...
STD5N20LT4 VBSEMI-STD5N20LT4 Datasheet
1Mb / 10P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - STD5N20

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
logo
STMicroelectronics
STD5NE10 STMICROELECTRONICS-STD5NE10 Datasheet
43Kb / 3P
   N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
logo
Xian Semipower Electron...
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
   N-channel Enhanced mode TO-252/TO-251 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
   N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
   N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com