Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR6K-S Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR6K-S
Description  6.0 AMPS 800 - 1000 VOLTS 90 nsec ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6K-S Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR6K-S Datasheet HTML 1Page - Solid States Devices, Inc SDR6K-S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL VALUE
UNIT
Instantaneous Forward Voltage Drop
(IF = 6Adc, 300 μs Pulse, TA = 25°C)
VF1
2.20
Vdc
Instantaneous Forward Voltage Drop
(IF = 6Adc, 300 μs Pulse, TA = -55°C)
VF2
2.10
Vdc
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 25°C)
IR1
10
μA
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 100°C)
IR2
1
mA
Junction Capacitance
(VR = 10Vdc, TA = 25°C , f = 1MHz)
CJ
80
pf
Maximum Reverse Recovery Time 4/
trr
90
ns
DIMENSIONS
DIM.
MIN.
MAX.
A
---
.200”
B
---
.270”
C
.055”
.063”
Axial Leaded Case Outline 5/:
D
.400”
---
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
2/ Screened to MIL-PRF-19500.
5/ For information on operating curves, contact factory.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR6K
and
SDR6M
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0017B
DOC


Similar Part No. - SDR6K-S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K Datasheet
200Kb / 2P
   6 AMP 800-1000 VOLTS 60-70nsec ULTRA FAST RECTIFIER
SDR6K SSDI-SDR6K Datasheet
199Kb / 2P
   6AMP 50-1000VOLTS ULTRA FAST RECOVERY RECTIFIER
SDR6K SSDI-SDR6K Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
SDR6KSMS SSDI-SDR6KSMS Datasheet
208Kb / 2P
   6 AMP 800-1000 VOLTS 60-70 nsec ULTRA FAST RECTIFIER
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - SDR6K-S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
   15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR9JUF SSDI-SDR9JUF Datasheet
51Kb / 2P
   9 AMP 800 - 1000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR9JUF SSDI-SDR9JUF_1 Datasheet
38Kb / 2P
   9 AMP 800-1000 Volts 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR6KSMS SSDI-SDR6KSMS Datasheet
208Kb / 2P
   6 AMP 800-1000 VOLTS 60-70 nsec ULTRA FAST RECTIFIER
SDR1ASM SSDI-SDR1ASM Datasheet
161Kb / 2P
   1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
SDR1004F SSDI-SDR1004F Datasheet
201Kb / 2P
   100 AMPS, 400-1000 VOLTS 270 nsec FAST RECTIFIER
SDR627G SSDI-SDR627G Datasheet
312Kb / 2P
   20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR1304 SSDI-SDR1304 Datasheet
139Kb / 2P
   3 AMP, 400 - 800 Volts 70 nsec, Ultra Fast Rectifier
SDR958 SSDI-SDR958 Datasheet
213Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958-3 SSDI-SDR958-3 Datasheet
211Kb / 2P
   50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com