Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD50SMS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD50SMS
Description  200 mAMP 50-125 Volts 5nsec HYPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD50SMS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD50SMS Datasheet HTML 1Page - Solid States Devices, Inc SPD50SMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD48SM &SMS
Thru
SPD51SM & SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0085D
DOC
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300-500μs pulse)
IF = 10mADC
IF = 100mADC
VF1
1.0
1.2
VDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300-500μs pulse)
IF = 10mADC
IF = 100mADC
VF2
1.1
1.3
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300μs minimum pulse)
IR1
400
nA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300μs minimum pulse)
IR2
40
μA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
2.8
pF
Reverse Recovery Time
(IF = 50 mA, IR = 100mA, IRR = 25mA, TA = 25ºC)
trr
5
nsec
Case Outline: Round Tab (SM)
DIMENSIONS
D
M
M
IM
IN
AX
A
0
0
.054”
..085”
––
0.150”
B
C
0
0
.010”
.028”
D
.001”
––
Case Outline: Square Tab (SMS)
C
B
A
A
D
DIMENSIONS SDR1304 & SDR1306
D
M
M
IM
IN
AX
A
0
0
.065”
.085”
B
-
0
--
.200”
C
0
0
.022”
.028”
D
0
-
.001”
--


Similar Part No. - SPD50SMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD50SM SSDI-SPD50SM Datasheet
179Kb / 2P
   200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
More results

Similar Description - SPD50SMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD48SM SSDI-SPD48SM Datasheet
179Kb / 2P
   200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
1N4148SM SSDI-1N4148SM Datasheet
56Kb / 2P
   200 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SPD6642SM SSDI-SPD6642SM Datasheet
49Kb / 2P
   300 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SHF1302 SSDI-SHF1302 Datasheet
78Kb / 2P
   HYPER FAST RECOVERY RECTIFIER 200-600 VOLTS
SPD6638 SSDI-SPD6638 Datasheet
115Kb / 2P
   300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
logo
Solid State Optronic
SDR6638 SSOUSA-SDR6638 Datasheet
118Kb / 2P
   300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR620G SSDI-SDR620G Datasheet
33Kb / 2P
   20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950 SSDI-SDR950 Datasheet
203Kb / 2P
   60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620-28 SSDI-SDR620-28 Datasheet
41Kb / 2P
   20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950S1 SSDI-SDR950S1 Datasheet
35Kb / 2P
   60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com