Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD50NH02L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD50NH02L
Description  N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD50NH02L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD50NH02L Datasheet HTML 4Page - STMicroelectronics STD50NH02L Datasheet HTML 5Page - STMicroelectronics STD50NH02L Datasheet HTML 6Page - STMicroelectronics STD50NH02L Datasheet HTML 7Page - STMicroelectronics STD50NH02L Datasheet HTML 8Page - STMicroelectronics STD50NH02L Datasheet HTML 9Page - STMicroelectronics STD50NH02L Datasheet HTML 10Page - STMicroelectronics STD50NH02L Datasheet HTML 11Page - STMicroelectronics STD50NH02L Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STD50NH02L
High Side Switch (SW1)
Low Side Switch (SW2)
conduction
P
d
*
I
*
R
2
L
DS(on)SW1
)
1
(
*
I
*
R
2
L
DS(on)SW2
d
switching
P
g
L
I
I
*
f
*
)
Q
(Q
*
V
gd(SW1)
gsth(SW1)
in
+
Zero Voltage Switching
Recovery
Not Applicable
1
f
*
Q
*
V
rr(SW2)
in
diode
P
Conduction
Not Applicable
f
*
t
*
I
*
V
deadtime
L
f(SW2)
)
gate(Q
G
P
f
*
V
*
Q
gg
g(SW1)
f
*
V
*
Q
gg
gls(SW2)
Qoss
P
2
f
*
Q
*
V
oss(SW1)
in
2
f
*
Q
*
V
oss(SW2)
in
Parameter
Meaning
d
Duty-cycle
Qgsth
Post threshold gate charge
Qgls
Third quadrant gate charge
Pconduction
On state losses
Pswitching
On-off transition losses
Pdiode
Conduction and reverse recovery diode losses
Pgate
Gate drive losses
Qoss
P
Output capacitance losses
1 Dissipated by SW1 during turn-on


Similar Part No. - STD50NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD50NH02L-1 STMICROELECTRONICS-STD50NH02L-1 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
logo
VBsemi Electronics Co.,...
STD50NH02L-1 VBSEMI-STD50NH02L-1 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD50NH02LT4 STMICROELECTRONICS-STD50NH02LT4 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
More results

Similar Description - STD50NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STB60NH02L STMICROELECTRONICS-STB60NH02L Datasheet
423Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D짼PAK STripFET??III POWER MOSFET
STB60NH02L STMICROELECTRONICS-STB60NH02L_04 Datasheet
579Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
May 2004
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com