Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V58C2128 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V58C2128
Description  HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2128 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V58C2128 Datasheet HTML 1Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 2Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 3Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 4Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 5Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 6Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 7Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 8Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
MOSEL VITELIC
V58C2128(804/404/164)S
3
V58C2128(804/404/164)S Rev. 1.6 March 2002
Block Diagram
Row decoder
Memory array
Bank 0
4096 x 1024
x 8
Row decoder
Memory array
Bank 1
Row decoder
Memory array
Bank 2
Row decoder
Memory array
Bank 3
Input buffer
Output buffer
DQ0-DQ3
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A11, BA0, BA1
A0 - A9, A11, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses
DLL
Strobe
Gen.
Data Strobe
CK, CK
DQS
4096 x 1024
x 8
4096 x 1024
x 8
4096 x 1024
x 8
32M x 4
V
58
C
2 128(80/40/16) 4
S
X T XX
DDRSDRAM
CMOS
2.5V
128Mb, 4K Refresh
4 Banks
COMPONENT
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
SSTL
SPEED
6 (166MHZ@CL2.5)
MOSEL VITELIC
MANUFACTURED
7 (143MHZ@CL2.5))
75(133MHZ@CL2.5)
x8, x4, x16
8 (125MHZ@CL2.5)


Similar Part No. - V58C2128

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C2256 MOSEL-V58C2256 Datasheet
814Kb / 61P
   HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C2256164S MOSEL-V58C2256164S Datasheet
814Kb / 61P
   HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C2256404S MOSEL-V58C2256404S Datasheet
814Kb / 61P
   HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C2256804S MOSEL-V58C2256804S Datasheet
814Kb / 61P
   HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
   64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
More results

Similar Description - V58C2128

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C2256 MOSEL-V58C2256 Datasheet
814Kb / 61P
   HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
   64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
   2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
logo
Integrated Silicon Solu...
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
   4Meg x 32 128-MBIT DDR SDRAM
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com