Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500C193T200DP2B Datasheet(PDF) 11 Page - Cornell Dubilier Electronics

Part # 500C193T200DP2B
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C193T200DP2B Datasheet(HTML) 11 Page - Cornell Dubilier Electronics

Back Button 500C193T200DP2B Datasheet HTML 4Page - Cornell Dubilier Electronics 500C193T200DP2B Datasheet HTML 5Page - Cornell Dubilier Electronics 500C193T200DP2B Datasheet HTML 6Page - Cornell Dubilier Electronics 500C193T200DP2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C193T200DP2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C193T200DP2B Datasheet HTML 9Page - Cornell Dubilier Electronics 500C193T200DP2B Datasheet HTML 10Page - Cornell Dubilier Electronics 500C193T200DP2B Datasheet HTML 11Page - Cornell Dubilier Electronics 500C193T200DP2B Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
950
500C951T350AC2B
127.0
4.00
1 3/8 x 4 1/8
750
500C751T400AC2B
137.0
3.90
1 3/8 x 4 1/8
970
500C971T350BH2B
132.0
4.20
2 x 2 5/8
780
500C781T400BH2B
142.0
4.10
2 x 2 5/8
990
500C991T350EB2B
125.0
4.30
1 3/4 x 3 1/8
790
500C791T400EB2B
134.0
4.10
1 3/4 x 3 1/8
1100
500C112T350AD2B
110.0
4.50
1 3/8 x 4 5/8
880
500C881T400AD2B
118.0
4.40
1 3/8 x 4 5/8
1300
500C132T350AE2B
96.3
5.00
1 3/8 x 5 1/8
1000
500C102T400AE2B
104.0
4.90
1 3/8 x 5 1/8
1300
500C132T350EJ2B
97.3
5.10
1 3/4 x 3 5/8
1000
500C102T400EJ2B
105.0
4.90
1 3/4 x 3 5/8
1300
500C132T350BB2B
101.0
5.10
2 x 3 1/8
1000
500C102T400BB2B
109.0
5.00
2 x 3 1/8
1400
500C142T350AF2B
85.9
5.50
1 3/8 x 5 5/8
1100
500C112T400AF2B
92.4
5.30
1 3/8 x 5 5/8
1500
500C152T350CH2B
86.9
6.00
2 1/2 x 2 5/8
1200
500C122T400EC2B
85.8
5.70
1 3/4 x 4 1/8
1600
500C162T350EC2B
79.9
5.90
1 3/4 x 4 1/8
1200
500C122T400CH2B
93.1
5.80
2 1/2 x 2 5/8
1600
500C162T350BJ2B
79.2
6.10
2 x 3 5/8
1300
500C132T400BJ2B
85.0
5.90
2 x 3 5/8
1800
500C182T350ED2B
67.8
6.60
1 3/4 x 4 5/8
1500
500C152T400ED2B
72.9
6.40
1 3/4 x 4 5/8
2000
500C202T350BC2B
65.1
7.00
2 x 4 1/8
1600
500C162T400BC2B
69.8
6.80
2 x 4 1/8
2100
500C212T350EE2B
59.1
7.40
1 3/4 x 5 1/8
1700
500C172T400EE2B
63.4
7.10
1 3/4 x 5 1/8
2100
500C212T350CB2B
61.0
7.60
2 1/2 x 3 1/8
1700
500C172T400CB2B
65.3
7.30
2 1/2 x 3 1/8
2300
500C232T350BD2B
55.4
8.00
2 x 4 5/8
1900
500C192T400EF2B
56.2
7.80
1 3/4 x 5 5/8
2400
500C242T350EF2B
52.4
8.10
1 3/4 x 5 5/8
1900
500C192T400BD2B
59.3
7.70
2 x 4 5/8
2700
500C272T350BE2B
48.3
8.80
2 x 5 1/8
2100
500C212T400BE2B
51.7
8.50
2 x 5 1/8
2700
500C272T350CJ2B
48.5
8.90
2 1/2 x 3 5/8
2100
500C212T400CJ2B
52.0
8.60
2 1/2 x 3 5/8
2900
500C292T350DB2B
54.0
9.00
3 x 3 1/8
2300
500C232T400DB2B
57.5
8.80
3 x 3 1/8
3100
500C312T350BF2B
42.8
9.70
2 x 5 5/8
2400
500C242T400BF2B
45.9
9.30
2 x 5 5/8
3300
500C332T350CC2B
39.9
10.30
2 1/2 x 4 1/8
2600
500C262T400CC2B
42.8
9.90
2 1/2 x 4 1/8
3700
500C372T350DJ2B
41.7
10.80
3 x 3 5/8
3000
500C302T400DJ2B
44.9
10.40
3 x 3 5/8
3900
500C392T350CD2B
34.0
11.60
2 1/2 x 4 5/8
3100
500C312T400CD2B
35.6
11.30
2 1/2 x 4 5/8
4500
500C452T350CE2B
29.6
12.80
2 1/2 x 5 1/8
3500
500C352T400CE2B
31.7
12.40
2 1/2 x 5 1/8
4600
500C462T350DC2B
34.7
12.30
3 x 4 1/8
3600
500C362T400DC2B
37.0
11.90
3 x 4 1/8
5100
500C512T350CF2B
26.2
14.10
2 1/2 x 5 5/8
4000
500C402T400CF2B
31.5
12.80
2 1/2 x 5 5/8
5400
500C542T350DD2B
29.6
13.90
3 x 4 5/8
4300
500C432T400DD2B
28.1
14.20
3 x 4 5/8
6200
500C622T350DE2B
25.8
15.30
3 x 5 1/8
4900
500C492T400DE2B
27.4
14.80
3 x 5 1/8
6400
500C642T350FC2D
29.9
14.60
3 1/2 x 4 1/8
5100
500C512T400FC2D
31.9
14.10
3 1/2 x 4 1/8
7000
500C702T350DF2B
22.9
16.70
3 x 5 5/8
5600
500C562T400DF2B
24.4
16.20
3 x 5 5/8
7500
500C752T350DP2B
21.7
17.40
3 x 5 7/8
5900
500C592T400DP2B
23.1
16.90
3 x 5 7/8
7500
500C752T350FD2D
25.7
16.30
3 1/2 x 4 5/8
6000
500C602T400FD2D
27.4
15.80
3 1/2 x 4 5/8
8700
500C872T350FE2D
22.5
18.00
3 1/2 x 5 1/8
6900
500C692T400FE2D
23.9
17.50
3 1/2 x 5 1/8
9800
500C982T350FF2D
20.0
19.60
3 1/2 x 5 5/8
7800
500C782T400FF2D
21.2
19.00
3 1/2 x 5 5/8
10000
500C103T350DN2B
17.1
21.80
3 x 7 5/8
8200
500C822T400DN2B
18.2
21.20
3 x 7 5/8
10000
500C103T350FP2D
18.9
20.40
3 1/2 x 5 7/8
8300
500C832T400FP2D
20.1
19.80
3 1/2 x 5 7/8
12000
500C123T350DG2B
14.2
24.30
3 x 8 5/8
9500
500C952T400DG2B
15.1
23.60
3 x 8 5/8
15000
500C153T350FN2D
14.9
25.40
3 1/2 x 7 5/8
11000
500C113T400FN2D
15.8
24.70
3 1/2 x 7 5/8
17000
500C173T350FG2D
12.4
28.30
3 1/2 x 8 5/8
13000
500C133T400FG2D
13.1
27.50
3 1/2 x 8 5/8
400 Vdc (450 Vdc Surge)
450 Vdc (500 Vdc Surge)
160
500C161T400AK2B
652.0
1.30
1 3/8 x 1 5/8
140
500C141T450AK2B
797.0
1.10
1 3/8 x 1 5/8
250
500C251T400AA2B
408.0
1.80
1 3/8 x 2 1/8
220
500C221T450AA2B
438.0
1.70
1 3/8 x 2 1/8
380
500C381T400AH2B
273.0
2.30
1 3/8 x 2 5/8
330
500C331T450AH2B
337.0
2.10
1 3/8 x 2 5/8
500
500C501T400AB2B
205.0
2.90
1 3/8 x 3 1/8
420
500C421T450EA2B
264.0
2.60
1 3/4 x 2 1/8
570
500C571T400EA2B
189.0
3.00
1 3/4 x 2 1/8
440
500C441T450AB2B
253.0
2.60
1 3/8 x 3 1/8
610
500C611T400EH2B
174.0
3.40
1 3/4 x 2 5/8
520
500C521T450EH2B
213.0
3.10
1 3/4 x 2 5/8
630
500C631T400AJ2B
164.0
3.40
1 3/8 x 3 5/8
550
500C551T450AJ2B
203.0
3.10
1 3/8 x 3 5/8
630
500C631T400BA2B
179.0
3.40
2 x 2 1/8
550
500C551T450BA2B
228.0
3.00
2 x 2 1/8


Similar Part No. - 500C193T200DP2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C193T200DP2B CDE-500C193T200DP2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C193T200DP2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com