Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD4NB40-1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD4NB40-1
Description  N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH??MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NB40-1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD4NB40-1 Datasheet HTML 2Page - STMicroelectronics STD4NB40-1 Datasheet HTML 3Page - STMicroelectronics STD4NB40-1 Datasheet HTML 4Page - STMicroelectronics STD4NB40-1 Datasheet HTML 5Page - STMicroelectronics STD4NB40-1 Datasheet HTML 6Page - STMicroelectronics STD4NB40-1 Datasheet HTML 7Page - STMicroelectronics STD4NB40-1 Datasheet HTML 8Page - STMicroelectronics STD4NB40-1 Datasheet HTML 9Page - STMicroelectronics STD4NB40-1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STD4NB40/STD4NB40-1
8/10
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


Similar Part No. - STD4NB40-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
   N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
More results

Similar Description - STD4NB40-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
   N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh?줚I MOSFET
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
   N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH??MOSFET
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
   N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
May 1999
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
   N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com