Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500C902T200CD2B Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 500C902T200CD2B
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C902T200CD2B Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  500C902T200CD2B Datasheet HTML 1Page - Cornell Dubilier Electronics 500C902T200CD2B Datasheet HTML 2Page - Cornell Dubilier Electronics 500C902T200CD2B Datasheet HTML 3Page - Cornell Dubilier Electronics 500C902T200CD2B Datasheet HTML 4Page - Cornell Dubilier Electronics 500C902T200CD2B Datasheet HTML 5Page - Cornell Dubilier Electronics 500C902T200CD2B Datasheet HTML 6Page - Cornell Dubilier Electronics 500C902T200CD2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C902T200CD2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C902T200CD2B Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
130000
500C134U010EB2B
11.0
14.30
1 3/4 x 3 1/8
85000
500C853U016AD2B
9.8
15.20
1 3/8 x 4 5/8
130000
500C134U010BH2B
13.4
13.30
2 x 2 5/8
88000
500C883U016EB2B
12.5
13.50
1 3/4 x 3 1/8
140000
500C144U010AE2B
8.9
16.50
1 3/8 x 5 1/8
90000
500C903U016BH2B
13.4
13.30
2 x 2 5/8
160000
500C164U010AF2B
8.3
17.80
1 3/8 x 5 5/8
97000
500C973U016AE2B
8.9
16.50
1 3/8 x 5 1/8
160000
500C164U010EJ2B
9.1
16.60
1 3/4 x 3 5/8
110000
500C114U016AF2B
8.3
17.80
1 3/8 x 5 5/8
160000
500C164U010BB2B
10.5
16.00
2 x 3 1/8
110000
500C114U016EJ2B
10.9
15.20
1 3/4 x 3 5/8
190000
500C194U010EC2B
7.9
18.70
1 3/4 x 4 1/8
110000
500C114U016BB2B
10.5
16.00
2 x 3 1/8
200000
500C204U010BJ2B
8.7
18.50
2 x 3 5/8
130000
500C134U016EC2B
9.7
16.90
1 3/4 x 4 1/8
200000
500C204U010CH2B
8.8
18.90
2 1/2 x 2 5/8
140000
500C144U016BJ2B
8.7
18.50
2 x 3 5/8
220000
500C224U010ED2B
7.0
20.60
1 3/4 x 4 5/8
140000
500C144U016CH2B
8.8
18.90
2 1/2 x 2 5/8
240000
500C244U010BC2B
7.5
20.80
2 x 4 1/8
150000
500C154U016ED2B
8.8
18.50
1 3/4 x 4 5/8
250000
500C254U010EE2B
6.4
22.40
1 3/4 x 5 1/8
170000
500C174U016BC2B
7.5
20.80
2 x 4 1/8
270000
500C274U010CB2B
6.7
22.90
2 1/2 x 3 1/8
180000
500C184U016EE2B
8.2
19.90
1 3/4 x 5 1/8
280000
500C284U010EF2B
6.0
24.00
1 3/4 x 5 5/8
190000
500C194U016CB2B
6.7
22.90
2 1/2 x 3 1/8
280000
500C284U010BD2B
6.7
22.90
2 x 4 5/8
200000
500C204U016EF2B
7.8
21.10
1 3/4 x 5 5/8
320000
500C324U010BE2B
6.1
24.80
2 x 5 1/8
200000
500C204U016BD2B
6.7
22.90
2 x 4 5/8
340000
500C344U010CJ2B
5.5
26.50
2 1/2 x 3 5/8
220000
500C224U016BE2B
6.1
24.80
2 x 5 1/8
360000
500C364U010BF2B
5.7
26.50
2 x 5 5/8
230000
500C234U016CJ2B
5.5
26.50
2 1/2 x 3 5/8
400000
500C404U010DB2D
4.1
32.90
3 x 3 1/8
250000
500C254U016BF2B
5.7
26.50
2 x 5 5/8
410000
500C414U010CC2B
4.8
29.60
2 1/2 x 4 1/8
280000
500C284U016CC2B
5.0
29.20
2 1/2 x 4 1/8
480000
500C484U010CD2D
4.3
32.60
2 1/2 x 4 5/8
280000
500C284U016DB2D
4.2
32.40
3 x 3 1/8
500000
500C504U010DJ2D
3.3
38.20
3 x 3 5/8
320000
500C324U016CD2D
4.6
31.40
2 1/2 x 4 5/8
550000
500C554U010CE2D
3.9
35.30
2 1/2 x 5 1/8
350000
500C354U016DJ2D
3.6
36.80
3 x 3 5/8
600000
500C604U010DC2D
2.9
42.50
3 x 4 1/8
370000
500C374U016CE2D
4.4
33.40
2 1/2 x 5 1/8
610000
500C614U010CF2D
3.6
37.90
2 1/2 x 5 5/8
420000
500C424U016CF2D
4.2
35.20
2 1/2 x 5 5/8
700000
500C704U010DD2D
2.6
46.70
3 x 4 5/8
420000
500C424U016DC2D
3.3
40.20
3 x 4 1/8
800000
500C804U010DE2D
2.4
50.60
3 x 5 1/8
490000
500C494U016DD2D
3.1
42.80
3 x 4 5/8
830000
500C834U010FC2D
2.9
47.30
3 1/2 x 4 1/8
550000
500C554U016DE2D
2.8
46.20
3 x 5 1/8
870000
500C874U010DF2D
2.3
53.00
3 x 5 5/8
600000
500C604U016FC2D
2.9
47.30
3 1/2 x 4 1/8
930000
500C934U010DP2D
2.3
53.30
3 x 5 7/8
610000
500C614U016DF2D
2.8
48.10
3 x 5 5/8
970000
500C974U010FD2D
2.8
49.60
3 1/2 x 4 5/8
640000
500C644U016DP2D
2.8
48.80
3 x 5 7/8
1100000 500C115U010FE2D
2.5
54.50
3 1/2 x 5 1/8
700000
500C704U016FD2D
2.8
49.70
3 1/2 x 4 5/8
1200000 500C125U010FF2D
2.2
59.00
3 1/2 x 5 5/8
800000
500C804U016FE2D
2.5
54.40
3 1/2 x 5 1/8
1300000 500C135U010FP2D
2.1
60.80
3 1/2 x 5 7/8
870000
500C874U016FF2D
2.4
56.70
3 1/2 x 5 5/8
1300000 500C135U010DN2D
2.1
60.10
3 x 7 5/8
870000
500C874U016DN2D
2.6
54.10
3 x 7 5/8
1500000 500C155U010DG2D
2.1
63.70
3 x 8 5/8
920000
500C924U016FP2D
2.4
57.30
3 1/2 x 5 7/8
1700000 500C175U010FN2D
1.8
73.40
3 1/2 x 7 5/8
1000000 500C105U016DG2D
2.6
57.10
3 x 8 5/8
2000000 500C205U010FG2D
1.5
80.50
3 1/2 x 8 5/8
1300000 500C135U016FN2D
2.3
63.10
3 1/2 x 7 5/8
16 Vdc (20 Vdc Surge)
1500000 500C155U016FG2D
2.3
66.40
3 1/2 x 8 5/8
15000
500C153U016AK2B
46.9
4.7
1 3/8 x 1 5/8
25 Vdc (30 Vdc Surge)
27000
500C273U016AA2B
26.5
6.9
1 3/8 x 2 1/8
11000
500C113U025AK2B
37.1
5.30
1 3/8 x 1 5/8
36000
500C363U016AH2B
20.1
8.6
1 3/8 x 2 5/8
18000
500C183U025AA2B
23.6
7.40
1 3/8 x 2 1/8
48000
500C483U016AB2B
15.5
10.5
1 3/8 x 3 1/8
26000
500C263U025AH2B
16.9
9.40
1 3/8 x 2 5/8
49000
500C493U016EA2B
18.8
9.6
1 3/4 x 2 1/8
33000
500C333U025EA2B
21.8
8.90
1 3/4 x 2 1/8
61000
500C613U016AJ2B
12.8
12.1
1 3/8 x 3 5/8
34000
500C343U025AB2B
17.1
10.00
1 3/8 x 3 1/8
66000
500C663U016EH2B
15.3
11.4
1 3/4 x 2 5/8
39000
500C393U025EH2B
19.4
10.20
1 3/4 x 2 5/8
71000
500C713U016BA2B
17.6
10.7
2 x 2 1/8
43000
500C433U025AJ2B
17.7
10.30
1 3/8 x 3 5/8
73000
500C733U016AC2B
11.0
13.7
1 3/8 x 4 1/8
47000
500C473U025BA2B
21.8
9.70
2 x 2 1/8


Similar Part No. - 500C902T200CD2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C902T200CD2B CDE-500C902T200CD2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C902T200CD2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com