Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF100S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DF100S
Description  Thermal Cut-Offs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DF100S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DF100S Datasheet HTML 1Page - List of Unclassifed Manufacturers DF100S Datasheet HTML 2Page - List of Unclassifed Manufacturers DF100S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DETERMINE THE PROPER SERIES
Tp : The highest temperature of the product to which a
cutoff is to be attached.
Th : The safe temperature range for use of the cutoff.
Ts : 24ºC (Tp-Th) (Apply 35ºC for Ts value when Tp is
higher than 170ºC.)
To : The heating temperature caused by electrical load
(Please refer temperature / current correlation curve)
+a :
1. Self heating of lead wire
2. Structure of ventilation or airtightness
3. Location of connecting terminal
4. Thickness of insulated covering material
5. Best condition value considering electric voltage changes
Tp + Ts + To +a = Applicable Temperature
SAFE TEMPERATURE RANGE
• The increasing temperature by remaining heat in the cutoff after melting is required to remain below Tm.
• The temperature of the area where a cutoff will be attached should not reach over Th under normal usage conditions.


Similar Part No. - DF100S

ManufacturerPart #DatasheetDescription
logo
Thermtrol Corporation
DF100S THERMTROL-DF100S Datasheet
136Kb / 2P
   DF SERIES 15 AMP THERMAL CUTOFFS
More results

Similar Description - DF100S

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
FRU5MA1RJP TOKEN-FRU5MA1RJP Datasheet
361Kb / 3P
   FKU/FRU Thermal Cut-offs Resistors
logo
Panasonic Semiconductor
ERU-5TBJ100 PANASONIC-ERU-5TBJ100 Datasheet
90Kb / 3P
   Wirewound Resistor with Ther mal Cut-offs
ERU5TBJ6R8 PANASONIC-ERU5TBJ6R8 Datasheet
90Kb / 3P
   Wirewound Resistor with Ther mal Cut-offs
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
[Old version datasheet]   Thermal Cut-out
logo
List of Unclassifed Man...
RCT ETC-RCT Datasheet
529Kb / 1P
   THERMAL CUT-OFF RESISTOR
logo
Texas Instruments
15AM TI-15AM Datasheet
193Kb / 2P
[Old version datasheet]   Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
   Motor Protector/Thermal Cut-Out
125295 ETC-125295 Datasheet
1Mb / 12P
   Thermal Extrusions Cut to Length
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
   Thermal motor protector Temperature limiter Thermal cut-out
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
   Cement Resistor With Thermal Cut-Off
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com