Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD40NE03L Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD40NE03L
Description  N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40NE03L Datasheet(HTML) 8 Page - STMicroelectronics

  STD40NE03L Datasheet HTML 1Page - STMicroelectronics STD40NE03L Datasheet HTML 2Page - STMicroelectronics STD40NE03L Datasheet HTML 3Page - STMicroelectronics STD40NE03L Datasheet HTML 4Page - STMicroelectronics STD40NE03L Datasheet HTML 5Page - STMicroelectronics STD40NE03L Datasheet HTML 6Page - STMicroelectronics STD40NE03L Datasheet HTML 7Page - STMicroelectronics STD40NE03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished is believ ed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specific ation mentioned in this publication are
subjec t to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1999 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
.
STD40NE03L
8/8


Similar Part No. - STD40NE03L

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD40N10 SAMHOP-STD40N10 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
   N-channel 25 V, 0.01 廓, 40 A, DPAK, IPAK STripFET??V Power MOSFET
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
923Kb / 15P
   N-channel 25V, 0.01 OHM, 40A, DPAK, IPAK STripFET V Power MOSFET
logo
VBsemi Electronics Co.,...
STD40N2LH5 VBSEMI-STD40N2LH5 Datasheet
1,018Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5_09 Datasheet
923Kb / 15P
   N-channel 25V, 0.01 OHM, 40A, DPAK, IPAK STripFET V Power MOSFET
More results

Similar Description - STD40NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40NF03L STMICROELECTRONICS-STD40NF03L Datasheet
47Kb / 6P
   N-CHANNEL 30V - 0.012 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
STD38NF03L STMICROELECTRONICS-STD38NF03L Datasheet
46Kb / 6P
   N - CHANNEL 30V - 0.013 ohm - 38A TO-252 STripFET POWER MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
STD25NE03L STMICROELECTRONICS-STD25NE03L Datasheet
91Kb / 9P
   N - CHANNEL 30V - 0.019 ohm - 25A - TO-251/TO-252 STripFET POWER MOSFET
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
   N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
   N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
STB3020L STMICROELECTRONICS-STB3020L Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
   N-channel 30V - 0.018廓 - 40A - TO-220 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com