Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P12G1825-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # P12G1825-F
Description  Multilayer Ceramic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

P12G1825-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  P12G1825-F Datasheet HTML 1Page - Cornell Dubilier Electronics P12G1825-F Datasheet HTML 2Page - Cornell Dubilier Electronics P12G1825-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type P10 to P40 Multilayer Ceramic Capacitors
Catalog
Size
Catalog
Size
Catalog
Size
Cap
Part Number
D
L
Cap
Part Number
D
L
Cap
Part Number
D
L
(Inches)
(Inches)
(Inches)
560 pF P10G561*5-F
0.10
0.17
1800 pF P12G182*5-F
0.12
0.17
4700 pF P30G472*5-F
0.15
0.29
680 pF P10G681*5-F
0.10
0.17
1800 pF P20G182*5-F
0.10
0.26
5600 pF P30G562*5-F
0.15
0.29
820 pF P10G821*5-F
0.10
0.17
2200 pF P12G222*5-F
0.12
0.17
6800 pF P30G682*5-F
0.15
0.29
1000 pF P10G102*5-F
0.10
0.17
2200 pF P20G222*5-F
0.10
0.26
8200 pF P30G822*5-F
0.15
0.29
1200 pF P12G122*5-F
0.12
0.17
2700 pF P12G272*5-F
0.12
0.17
.010 uF P40G103*5-F
0.15
0.40
1200 pF P20G122*5-F
0.10
0.26
2700 pF P30G272*5-F
0.15
0.29
.012 uF P40G123*5-F
0.15
0.40
1500 pF P12G152*5-F
0.12
0.17
3300 pF P30G332*5-F
0.15
0.29
.015 uF P40G153*5-F
0.15
0.40
1500 pF P20G152*5-F
0.10
0.26
3900 pF P30G392*5-F
0.15
0.29
Catalog
Size
Catalog
Size
Catalog
Size
Cap
Part Number
D
L
Cap
Part Number
D
L
Cap
Part Number
D
L
(Inches)
(Inches)
(Inches)
470 pF P10R471*1-F
0.1
0.17
4700 pF P10R472*1-F
0.10
0.17
.027 uF P12R273*1-F
0.12
0.17
560 pF P10R561*1-F
0.1
0.17
5600 pF P10R562*1-F
0.10
0.17
.027 uF P20R273*1-F
0.10
0.26
680 pF P10R681*1-F
0.1
0.17
6800 pF P10R682*1-F
0.10
0.17
.033 uF P20R333*1-F
0.10
0.26
820 pF P10R821*1-F
0.1
0.17
8200 pF P10R822*1-F
0.10
0.17
.039 uF P30R393*1-F
0.15
0.29
1000 pF P10R102*1-F
0.1
0.17
.01 uF P10R103*1-F
0.10
0.17
.047 uF P30R473*1-F
0.15
0.29
1200 pF P10R122*1-F
0.1
0.17
.012 uF P10R123*1-F
0.10
0.17
.056 uF P30R563*1-F
0.15
0.29
1500 pF P10R152*1-F
0.1
0.17
.015 uF P12R153*1-F
0.12
0.17
.068 uF P30R683*1-F
0.15
0.29
1800 pF P10R182*1-F
0.1
0.17
.015 uF P20R153*1-F
0.10
0.26
.082 uF P30R823*1-F
0.15
0.29
2200 pF P10R222*1-F
0.1
0.17
.018 uF P12R183*1-F
0.12
0.17
.10 uF P30R104*1-F
0.15
0.29
2700 pF P10R272*1-F
0.1
0.17
.018 uF P20R183*1-F
0.10
0.26
.12 uF P40R124*1-F
0.15
0.29
3300 pF P10R332*1-F
0.1
0.17
.022 uF P12R223*1-F
0.12
0.17
.15 uF P40R154*1-F
0.15
0.40
3900 pF P10R392*1-F
0.1
0.17
.022 uF P20R223*1-F
0.10
0.26
Catalog
Size
Catalog
Size
Catalog
Size
Cap
Part Number
D
L
Cap
Part Number
D
L
Cap
Part Number
D
L
(Inches)
(Inches)
(Inches)
8200 pF P10R822*5-F
0.1
0.17
.047 uF P10R473*5-F
0.10
0.17
.12 uF P30R124*5-F
0.15
0.29
.010 uF P10R103*5-F
0.1
0.17
.056 uF P12R563*5-F
0.12
0.17
.15 uF P30R154*5-F
0.15
0.29
.012 uF P10R123*5-F
0.1
0.17
.056 uF P20R563*5-F
0.10
0.26
.18 uF P30R184*5-F
0.15
0.29
.015 uF P10R153*5-F
0.1
0.17
.068 uF P12R683*5-F
0.12
0.17
.22 uF P30R224*5-F
0.15
0.29
.018 uF P10R183*5-F
0.1
0.17
.068 uF P20R683*5-F
0.10
0.26
.27 uF P30R274*5-F
0.15
0.29
.022 uF P10R223*5-F
0.1
0.17
.082 uF P12R823*5-F
0.12
0.17
.33 uF P40R334*5-F
0.15
0.40
.027 uF P10R273*5-F
0.1
0.17
.082 uF P20R823*5-F
0.10
0.26
.39uF
P40R394*5-F
0.15
0.40
.033 uF P10R333*5-F
0.1
0.17
.10 uF P12R104*5-F
0.12
0.17
.47uF
P40R474*5-F
0.15
0.40
.039 uF P10R393*5-F
0.1
0.17
.10 uF P20R104*5-F
0.10
0.26
Ratings
RoHS Compliant
COG (NPO) Temperature Coefficient
50 Vdc
X7R Temperature Coefficient
100 Vdc
X7R Temperature Coefficient
50 Vdc
*Insert proper letter symbol for tolerance.
K = ±10%, M = ±20%
*Insert proper letter symbol for tolerance.
J = ±5%, K = ±10%
Add ‘TR’ to end of part number for Tape & Reel
P10, P12, P20 - 5,000 per reel
P30, P40 - 2,500 per reel
Full reels only
*Insert proper letter symbol for tolerance.
K = ±10%, M = ±20%
Add ‘TR’ to end of part number for Tape & Reel
P10, P12, P20 - 5,000 per reel
P30, P40 - 2,500 per reel
Full reels only


Similar Part No. - P12G1825-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
P12G1825-F CDE-P12G1825-F Datasheet
162Kb / 3P
   Multilayer Ceramic Capacitors
P12G1825-F CDE-P12G1825-F Datasheet
189Kb / 4P
   Conformally coated, axial leaded
More results

Similar Description - P12G1825-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com