Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPX561M250C7P3 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # LPX561M250C7P3
Description  85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LPX561M250C7P3 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  LPX561M250C7P3 Datasheet HTML 1Page - Cornell Dubilier Electronics LPX561M250C7P3 Datasheet HTML 2Page - Cornell Dubilier Electronics LPX561M250C7P3 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LPX 85 ºC Radial Snap-In Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
@ 120 Hz @ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+85 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
250 Vdc; 300 Vdc Surge
820 LPX821M250H5P3
0.243
3.0
1.378 1.378
35
35
820 LPX821M250E7P3
0.243
3.0
1.181 1.575
30
40
1,000 LPX102M250H7P3
0.199
3.4
1.378 1.575
35
40
1,000 LPX102M250E4P3
0.199
3.4
1.181 1.772
30
45
1,200 LPX122M250H4P3
0.166
3.8
1.378 1.772
35
45
1,500 LPX152M250H9P3
0.133
4.2
1.378 1.969
35
50
350 Vdc; 400 Vdc Surge
100 LPX101M350A1P3
1.989
0.6
0.866 0.984
22
25
120 LPX121M350C1P3
1.658
0.7
0.984 0.984
25
25
120 LPX121M350A3P3
1.658
0.7
0.866 1.181
22
30
150 LPX151M350C3P3
1.326
0.8
0.984 1.181
25
30
150 LPX151M350A5P3
1.326
0.8
0.866 1.378
22
35
180 LPX181M350A7P3
1.105
0.9
0.866 1.575
22
40
180 LPX181M350C3P3
1.105
0.9
0.984 1.181
25
30
180 LPX181M350E1P3
1.105
1.0
1.181 0.984
30
25
220 LPX221M350A4P3
0.904
1.1
0.866 1.772
22
45
220 LPX221M350E3P3
0.904
1.1
1.181 1.181
30
30
220 LPX221M350C5P3
0.904
1.1
0.984 1.378
25
35
270 LPX271M350E3P3
0.737
1.2
1.181 1.181
30
30
270 LPX271M350C7P3
0.737
1.2
0.984 1.575
25
40
270 LPX271M350A9P3
0.737
1.3
0.866 1.969
22
50
270 LPX271M350H1P3
0.737
1.3
1.378 0.984
35
25
330 LPX331M350C4P3
0.603
1.4
0.984 1.772
25
45
330 LPX331M350H3P3
0.603
1.4
1.378 1.181
35
30
330 LPX331M350E5P3
0.603
1.4
1.181 1.378
30
35
390 LPX391M350H3P3
0.51
1.6
1.378 1.181
35
30
390 LPX391M350E7P3
0.51
1.8
1.181 1.575
30
40
470 LPX471M350H5P3
0.423
1.8
1.378 1.378
35
35
470 LPX471M350E4P3
0.423
1.9
1.181 1.772
30
45
560 LPX561M350H7P3
0.355
2.1
1.378 1.575
35
40
680 LPX681M350H4P3
0.293
2.4
1.378 1.772
35
45
400 Vdc; 450 Vdc Surge
82 LPX820M400A1P3
2.426
0.6
0.866 0.984
22
25
100 LPX101M400A3P3
1.989
0.7
0.866 1.181
22
30
120 LPX121M400A3P3
1.658
0.7
0.866 1.181
22
30
120 LPX121M400C1P3
1.658
0.7
0.984 0.984
25
25
150 LPX151M400C3P3
1.326
0.9
0.984 1.181
25
30
180 LPX181M400A7P3
1.105
1.0
0.866 1.575
22
40
Max ESR Max Ripple
Catalog
@ 120 Hz @ 120 Hz
Size
Size
Cap
Part Number
+25 ºC
+85 ºC
(Inches)
(mm)
(µF)
(Ω)
(A)
D
L
D
L
400 Vdc; 450 Vdc Surge
180 LPX181M400C5P3
1.105
1.0
0.984 1.378 25
35
220 LPX221M400E3P3
0.904
1.2
1.181 1.181 30
30
220 LPX221M400H1P3
0.904
1.2
1.378 0.984 35
25
220 LPX221M400C7P3
0.904
1.2
0.984 1.575 25
40
270 LPX271M400C4P3
0.737
1.4
0.984 1.772 25
45
270 LPX271M400E5P3
0.737
1.4
1.181 1.378 30
35
270 LPX271M400H3P3
0.737
1.4
1.378 1.181 35
30
330 LPX331M400E7P3
0.603
1.6
1.181 1.575 30
40
330 LPX331M400H3P3
0.603
1.5
1.378 1.181 35
30
390 LPX391M400H5P3
0.510
1.8
1.378 1.378 35
35
390 LPX391M400E4P3
0.510
1.8
1.181 1.772 30
45
470 LPX471M400H7P3
0.423
2.0
1.378 1.575 35
40
470 LPX471M400E9P3
0.423
2.0
1.181 1.969 30
50
560 LPX561M400H4P3
0.355
2.3
1.378 1.772 35
45
680 LPX681M400H9P3
0.293
2.6
1.378 1.969 35
50
450 Vdc; 500 Vdc Surge
56 LPX560M450A1P3
3.553
0.5
0.866 0.984 22
25
68 LPX680M450A3P3
2.926
0.6
0.866 1.181 22
30
82 LPX820M450C1P3
2.426
0.7
0.984 0.984 25
25
82 LPX820M450A3P3
2.426
0.7
0.866 1.181 22
30
100 LPX101M450C3P3
1.989
0.8
0.984 1.181 25
30
100 LPX101M450A5P3
1.989
0.8
0.866 1.378 22
35
120 LPX121M450E1P3
1.658
0.9
1.181 0.984 30
25
120 LPX121M450C5P3
1.658
1.0
0.984 1.378 25
35
120 LPX121M450A7P3
1.658
0.9
0.866 1.575 22
40
150 LPX151M450A9P3
1.326
1.1
0.866 1.969 22
50
150 LPX151M450E3P3
1.326
1.1
1.181 1.181 30
30
150 LPX151M450C7P3
1.326
1.1
0.984 1.575 25
40
180 LPX181M450C4P3
1.105
1.3
0.984 1.772 25
45
180 LPX181M450H1P3
1.105
1.2
1.378 0.984 35
25
180 LPX181M450E7P3
1.105
1.4
1.181 1.575 30
40
220 LPX221M450H3P3
0.904
1.5
1.378 1.181 35
30
220 LPX221M450C9P3
0.904
1.5
0.984 1.969 25
50
220 LPX221M450E7P3
0.904
1.6
1.181 1.575 30
40
270 LPX271M450E4P3
0.737
1.7
1.181 1.772 30
45
270 LPX271M450H5P3
0.737
1.7
1.378 1.378 35
35
330 LPX331M450H7P3
0.603
2.0
1.378 1.575 35
40
330 LPX331M450E9P3
0.603
2.0
1.181 1.969 30
50
390 LPX391M450H4P3
0.510
2.2
1.378 1.772 35
45
470 LPX471M450H9P3
0.423
2.5
1.378 1.969 35
50


Similar Part No. - LPX561M250C7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX561M250C7P3 CDE-LPX561M250C7P3 Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX561M250C7P3 CDE-LPX561M250C7P3 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
More results

Similar Description - LPX561M250C7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
NIC-Components Corp.
NEDZN NIC-NEDZN Datasheet
240Kb / 3P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com