Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TAC335K006P01 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part No. TAC335K006P01
Description  Molded, Axial Leaded Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAC335K006P01 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  TAC335K006P01 Datasheet HTML 1Page - Cornell Dubilier Electronics TAC335K006P01 Datasheet HTML 2Page - Cornell Dubilier Electronics TAC335K006P01 Datasheet HTML 3Page - Cornell Dubilier Electronics TAC335K006P01 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type TAC Solid Tantalum Capacitors
Capacitor Outline Drawing
CDE may improve your order and shorten delivery by substituting tighter tolerance or higher voltage capacitors in the same case size
.
Case Code
D (Max)
L (Max)
d
1
.095 (2.41)
.260 (6.6)
.020 (.51)
2
.110 (2.79)
.290 (7.37)
.020 (.51)
5
.180 (4.57)
.345 (8.76)
.020 (.51)
6
.180 (4.57)
.420 (10.67)
.020 (.51)
7
.280 (7.11)
.530 (13.46)
.025 (.64)
8
.300 (7.62)
.710 (18.03)
.025 (.64)
Inches (Millimeters)
L
D
d
1.500 ±.125
(38.1 ±3.18)
1.500 ±.125
(38.1 ±3.18)
Ratings
Max
Max
DCL
DF %
Cap
Case @ +25 ºC @ +25 ºC
Catalog
(µF)
Code
(µA)
120 Hz
Part Number
3.3
1
0.5
4
TAC335K006P01
3.9
1
0.5
4
TAC395K006P01
4.7
1
0.5
4
TAC475K006P01
5.6
2
0.5
4
TAC565K006P02
6.8
2
0.5
6
TAC685K006P02
8.2
2
0.5
6
TAC825K006P02
10
2
0.5
6
TAC106K006P02
12
2
0.6
6
TAC126K006P02
15
2
0.7
6
TAC156K006P02
18
5
0.9
6
TAC186K006P05
22
5
1.1
6
TAC226K006P05
27
5
1.3
6
TAC276K006P05
33
5
1.5
6
TAC336K006P05
39
6
1.9
6
TAC396K006P06
47
6
2.3
6
TAC476K006P06
56
6
2.7
6
TAC566K006P06
68
6
3.3
6
TAC686K006P06
82
7
3.9
8
TAC826K006P07
100
7
4.8
8
TAC107K006P07
120
7
5.0
8
TAC127K006P07
150
7
5.0
8
TAC157K006P07
180
7
8.6
8
TAC187K006P07
220
7
10.0
8
TAC227K006P07
270
8
10.0
8
TAC277K006P08
330
8
10.0
8
TAC337K006P08
2.2
1
0.5
4
TAC225K010P01
2.7
1
0.5
4
TAC275K010P01
3.3
1
0.5
4
TAC335K010P01
3.9
2
0.5
4
TAC395K010P02
4.7
2
0.5
4
TAC475K010P02
5.6
2
0.5
4
TAC565K010P02
6.8
2
0.5
6
TAC685K010P02
8.2
2
0.7
6
TAC825K010P02
10
2
0.8
6
TAC106K010P02
12
5
1.0
6
TAC126K010P05
6 WVdc @ 85 ºC
4 WVdc @ 125 ºC
10 WVdc @ 85 ºC
7 WVdc @ 125 ºC
Max
Max
DCL
DF %
Cap
Case @ +25 ºC @ +25 ºC
Catalog
(µF)
Code
(µA)
120 Hz
Part Number
15
5
1.2
6
TAC156K010P05
18
5
1.4
6
TAC186K010P05
22
5
1.5
6
TAC226K010P05
27
6
2.2
6
TAC276K010P06
33
6
2.6
6
TAC336K010P06
39
6
3.1
6
TAC396K010P06
47
6
3.8
6
TAC476K010P06
56
7
4.4
6
TAC566K010P07
68
7
5.0
6
TAC686K010P07
82
7
5.0
8
TAC826K010P07
100
7
8.0
8
TAC107K010P07
120
7
9.6
8
TAC127K010P07
150
7
10.0
8
TAC157K010P07
180
8
10.0
8
TAC187K010P08
220
8
10.0
8
TAC227K010P08
1.5
1
0.5
4
TAC155K015P01
1.8
1
0.5
4
TAC185K015P01
2.2
1
0.5
4
TAC225K015P01
2.7
2
0.5
4
TAC275K015P02
3.3
2
0.5
4
TAC335K015P02
3.9
2
0.5
4
TAC395K015P02
4.7
2
0.6
4
TAC475K015P02
5.6
2
0.7
4
TAC565K015P02
6.8
2
0.8
6
TAC685K015P02
8.2
5
1.0
6
TAC825K015P05
10
5
1.2
6
TAC106K015P05
12
5
1.4
6
TAC126K015P05
15
5
1.5
6
TAC156K015P05
18
6
2.2
6
TAC186K015P06
22
6
2.6
6
TAC226K015P06
27
6
3.2
6
TAC276K015P06
33
6
4.0
6
TAC336K015P06
39
7
4.7
6
TAC396K015P07
47
7
5.0
6
TAC476K015P07
56
7
6.7
6
TAC566K015P07
10 WVdc @ 85 ºC
7 WVdc @ 125 ºC
15 WVdc @ 85 ºC
10 WVdc @ 125 ºC
+
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn