Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXR102K101A1 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SXR102K101A1
Description  105 쨘C Long Life Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SXR102K101A1 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SXR102K101A1 Datasheet HTML 1Page - Cornell Dubilier Electronics SXR102K101A1 Datasheet HTML 2Page - Cornell Dubilier Electronics SXR102K101A1 Datasheet HTML 3Page - Cornell Dubilier Electronics SXR102K101A1 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SXR 105 ºC Long Life Aluminum Electrolytic Capacitors
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
Type SXR is a radial leaded aluminum electrolytic
capacitor with a +105 ºC, 2000 to 5000 hours long life
ratings. The low ESR and high ripple current ratings
make it ideal for output filtering applications in switch-
ing power supplies.
Highlights
+105 ºC
2000 to 5000 hours - long life
Low ESR
High ripple current
Available in T&R and ammo pack
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Dissipation Factor @ 120 Hz, +25 ºC:
Ripple Multipliers for Voltage and Temperature:
Load Life Test:
Shelf Life:
22 to 15,000 µF
6.3 to 100 Vdc
±20%
–40 ºC to +105 ºC
I = .01CV or 3 µA after 2 minutes @ +20 ºC,
whichever is greater
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
WV (V)
6.3 10 16 25 35 50 63
80 100
DF(%)
22 19 16 14 12 10
9
9
8
Apply WVdc for:
For capacitors whose capacitance value exceeds 1000 µF, the
value of DF (%) is increased 2% for every additional 1000 µF
Temperature (ºC) +65
+75
+85
+95
+105
Multiplier
2.12
1.92
1.69
1.50
1.00
Capacitance change within 25% of initial limit
DC leakage current meets initial limits
DF ≤ 200% of initial value
1000 hrs with no voltage applied at +105 ºC
Cap change within 20% of initial values
ESR ≤ 200% of initial value
Case Dia.
Lifetime (Hours)
≤ 6.3 mm
2000
8.0 mm
3000
1
0.0 mm
4000
≥13.0 mm
5000
Rated
Ripple Multipliers
WVdc
60Hz
120Hz
400 Hz
1 kHz
10 kHz 100 kHz
10 - 16
0.45
0.60
0.83
0.94
0.98
1.00
25 - 35
0.38
0.50
0.75
0.90
0.97
1.00
50 - 100
0.36
0.46
0.70
0.88
0.94
1.00


Similar Part No. - SXR102K101A1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR102M010ST CDE-SXR102M010ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR102M016ST CDE-SXR102M016ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR102M025ST CDE-SXR102M025ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR102M035ST CDE-SXR102M035ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR102M050ST CDE-SXR102M050ST Datasheet
127Kb / 6P
   Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
More results

Similar Description - SXR102K101A1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com