Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12FA820J-F Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # MC12FA820J-F
Description  Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC12FA820J-F Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  MC12FA820J-F Datasheet HTML 1Page - Cornell Dubilier Electronics MC12FA820J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC12FA820J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC12FA820J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC12FA820J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC12FA820J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC12FA820J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC12FA820J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC12FA820J-F Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Types MC and MCN Multilayer RF Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
6
Specifications
Marking
Capacitance is within tolerance when measured
as follows:
1—1000 pF @ 1 MHz
>1000 pF @ 1 kHz
Dissipation Factor is no more than 0.1% when
measured as above at 5 Vrms or less.
Example:
R1 = 43 pF
Base
Code
Base
Code
Value
Ltr.
Value
Ltr.
10
A
40
d
11
B
43
R
12
C
45
e
13
D
47
S
15
E
50
f
16
F
51
T
18
G
56
U
20
H
60
m
22
J
62
V
24
K
68
W
25
a
70
n
27
L
75
X
30
M
80
t
33
N
82
Y
35
b
90
y
36
P
91
Z
39
Q
Multiplier
Code
No.
X 0.1
0
X 1
1
X 10
2
X 100
3
X 0.01
9
Voltage
Capacitance Code
(Color Coded)
Terminal
Resin Coating
Glass
Sn Plating
Ni Electrode: Type MC
Cu Electrode: Nonmagnetic Type MCN
Conductive Resin
Ag Electrode
Mica
High Q, Low ESR Construction for RF Power Applications


Similar Part No. - MC12FA820J-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MC12FA820J-F CDE-MC12FA820J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

Similar Description - MC12FA820J-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCN CDE-MCN Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
Cornell Dubilier Electr...
MCH38FM100D-Y CDE-MCH38FM100D-Y Datasheet
842Kb / 6P
   Multilayer High RF Power Capacitors
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG620JDHT TAIYO-YUDEN-QVS212CG620JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG3R3BCHT TAIYO-YUDEN-QVS107CG3R3BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R2CCHT TAIYO-YUDEN-QVS107CG2R2CCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG1R5BCHT TAIYO-YUDEN-QVS107CG1R5BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R4BCHT TAIYO-YUDEN-QVS107CG2R4BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R7CCHT TAIYO-YUDEN-QVS107CG2R7CCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com