Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPX152M200H7P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # LPX152M200H7P3
Description  85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LPX152M200H7P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  LPX152M200H7P3 Datasheet HTML 1Page - Cornell Dubilier Electronics LPX152M200H7P3 Datasheet HTML 2Page - Cornell Dubilier Electronics LPX152M200H7P3 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LPX 85 ºC Radial Snap-In Aluminum Electrolytic Capacitors
Type LPX radial leaded snap-in aluminum electrolytic
capacitors are a compact design for high density pack-
aging and are ideal for high voltage, switch mode power
supply input filtering applications.
High Voltage, High Value Radial Leaded Snap-In
High voltage
High Capacitance
85 ºC
Good for input filtering in consumer applications
22 to 35 mm diameter with 10 mm lead spacing
Highlights
Specifications
56 to 2,700 µF
160 to 450 Vdc
±20%
–40 ºC to +85 ºC
I = 3√CV
C = capacitance in µF
V = rated voltage
I = leakage current in µA
Part Numbering System
For values that are >1000 µF, the DF (%) increases
2% for every additional 1000 µF
Diameter
Length
mm
25
30
35
40
45
50
(in.) (1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22 (.87)
A1
A3
A5
A7
A4
A9
25 (1.00) C1
C3
C5
C7
C4
C9
30 (1.18) E1
E3
E5
E7
E4
E9
35 (1.38) H1
H3
H5
H7
H4
H9
LPX
471
M
160
C1
P
3
Case
Polarity
Insulating
Type
Cap
Tolerance Voltage
Code
Sleeve
LPX
471 = 470 µF
±20%
160 = 160
P
3 = PVC
272 = 2,700 µF
DF at 120 Hz, +25 ºC
Vdc
160 -250
400 - 450
DF (%)
30
25
Rated
Ripple Multipliers
Vdc
120 Hz
1 kHz
10 to 50 kHz
160 to 250
1.00
1.05
1.10
315 to 450
1.00
1.15
1.20
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature Range:
Dissipation Factor:
DC Leakage Test:
Frequency Ripple Multipliers:
Temperature Ripple Multipliers:
Temperature
Ripple Multiplier
+75 ºC
1.60
+65 ºC
2.20
+55 ºC
2.60
+55 ºC
3.00
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - LPX152M200H7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX152M200H7P3 CDE-LPX152M200H7P3 Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX152M200H7P3 CDE-LPX152M200H7P3 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
More results

Similar Description - LPX152M200H7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
   High Voltage, High Value Radial Leaded Snap-In
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
NIC-Components Corp.
NEDZN NIC-NEDZN Datasheet
240Kb / 3P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com