Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SXR121M6R3ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part No. SXR121M6R3ST
Description  105 ºC Long Life Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo 

SXR121M6R3ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SXR 105 ºC Long Life Aluminum Electorlytic Capacitors
Ratings
SXR
101
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SXR 1R0 = 1
K = ±10
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
100 kHz
100 kHz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
120
SXR121M6R3ST
2.43
154
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
150
SXR151M6R3ST
1.95
210
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SXR221M6R3ST
1.33
260
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
330
SXR331M6R3ST
0.88
350
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
470
SXR471M6R3ST
0.62
510
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M6R3ST
0.43
635
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M6R3ST
0.36
650
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M6R3ST
0.29
860
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M6R3ST
0.24
860
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M6R3ST
0.20
1030
.394 (10.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M6R3ST
0.10
1280
.472 (12.0) 1.38 (35.0)
.197 (5.0)
.0236 (0.6)
4700
SXR472M6R3ST
0.08
1770
.472 (12.0) 1.38 (35.0)
.197 (5.0)
.0236 (0.6)
6800
SXR682M6R3ST
0.07
1810
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
8200
SXR822M6R3ST
0.06
2030
.630 (16.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
10000
SXR103M6R3ST
0.05
2320
.630 (16.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)
15000
SXR153M6R3ST
0.04
2460
.709 (18.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)
Max ESR Max Ripple
Catalog
100 kHz
100 kHz
Size in. (mm)
Cap
Part Number
+
25 ºC
+
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
10 Vdc (13 Volts Surge)
100
SXR101M010ST
2.52
180
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
120
SXR121M010ST
2.10
210
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
150
SXR151M010ST
1.68
240
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SXR221M010ST
1.15
300
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
330
SXR331M010ST
0.76
400
.315 (8.0) .472 (12.0)
.138 (3.5)
.0197 (0.5)
470
SXR471M010ST
0.54
500
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M010ST
0.37
650
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M010ST
0.31
860
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M010ST
0.25
970
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M010ST
0.21
1030
.394 (10.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M010ST
0.18
1150
.394 (10.0) 1.81 (30.0)
.197 (5.0)
.0236 (0.6)
2200
SXR222M010ST
0.13
1320
.472 (12.0) 1.81 (30.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M010ST
0.09
1770
.512 (13.0) 1.42 (36.0)
.197 (5.0)
.0236 (0.6)
4700
SXR472M010ST
0.08
1810
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
6800
SXR682M010ST
0.06
2030
.630 (16.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
10000
SXR103M010ST
0.05
2460
.709 (18.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)
16 Vdc (20 Volts Surge)
100
SXR101M016ST
2.12
230
.315 (8.0) .630 (16.0)
.138 (3.5)
.0197 (0.5)
120
SXR121M016ST
1.77
260
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
150
SXR151M016ST
1.42
300
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
220
SXR221M016ST
0.97
400
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
330
SXR331M016ST
0.64
500
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M016ST
0.45
650
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M016ST
0.31
860
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M016ST
0.26
1030
.394 (10.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M016ST
0.21
1150
.394 (10.0) 1.81 (30.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M016ST
0.18
1120
.472 (12.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M016ST
0.15
1320
.472 (12.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
2200
SXR222M016ST
0.11
1540
.472 (12.0) 1.81 (30.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M016ST
0.08
1980
.472 (12.0) 1.57 (40.0)
.197 (5.0)
.0236 (0.6)
4700
SXR472M016ST
0.07
2030
.630 (16.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
6800
SXR682M016ST
0.05
2240
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
8200
SXR822M016ST
0.05
2460
.709 (18.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)
25 Vdc (32 Volts Surge)
100
SXR101M025ST
1.86
300
.315 (8.0) .630 (16.0)
.138 (3.5)
.0197 (0.5)
120
SXR121M025ST
1.55
350
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
150
SXR151M025ST
1.24
400
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M025ST
0.84
500
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
330
SXR331M025ST
0.56
650
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M025ST
0.40
860
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M025ST
0.27
1150
.394 (10.0) 1.81 (30.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M025ST
0.23
1120
.472 (12.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M025ST
0.19
1320
.472 (12.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M025ST
0.15
1400
.472 (12.0) 1.81 (30.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M025ST
0.13
1540
.472 (12.0) 1.81 (30.0)
.197 (5.0)
.0236 (0.6)
2200
SXR222M025ST
0.10
1980
.472 (12.0) 1.57 (40.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M025ST
0.07
2030
.630 (16.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
4700
SXR472M025ST
0.06
2460
.709 (18.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn