Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7311D Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part No. 7311D
Description  Voltage-Controlled Crystal Oscillator (VCXO)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

7311D Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  7311D Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency
(MHz)
622.08
625
644.5313
666.5143
669.3266
683.75
697.5
704
Ordering Code
7311D-622.08M-NSA3325A
7311D-625M-NSA3325A
7311D-644.5313M-NSA3325A
7311D-666.5143M-NSA3325A
7311D-669.3266M-NSA3325A
7311D-683.75M-NSA3325A
7311D-697.5M-NSA3325A
7311D-704M-NSA3325A
The above frequencies are NDK’ s standard frequencies.
Frequencies other than the above are available.
Feel free to contact our sales representatives.
Model Name 7311D
Voltage-Controlled Crystal Oscillator (VCXO) 7300 Series
co25_071108_7311D_e1
mm
Nominal frequency range (MHz)
Power supply voltage
Load
Operating temperature range
Consumption current
Output level
Comprehensive frequency stability
Frequency control characteristic
Control polarity
600 to 780
+3.3V DC±5%
50Ω
−10 to +70°C
60mA max
1mW min
±50×10−6 max
±100×10−6 min / +1.65±1.5V
Positive
Item
Model
Classification
7311D
NTV01
11.4±0.5
2.54±0.2
0.8±0.1
#6
#5
#4 #3
1.0±0.1
#1
#2
7.62
1.2
1.4
2.54 2.54 2.54
Reference land pattern
PAD No.
Connection
#1
#2
#3
#4
#5
#6
GND
GND
OUTPUT
GND
V.C.
+DC
n Specifications
n Dimensions
n List of Ordering Codes
For SONET-, SDH-, and GbEthernet-related equipment
Crystal Oscillator
n Features
n Main Application
l A compact and high-frequency SMD-VCXO.
l A surface-mount crystal oscillator.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn