Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD30NF06LT4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD30NF06LT4
Description  N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET??POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NF06LT4 Datasheet(HTML) 2 Page - STMicroelectronics

  STD30NF06LT4 Datasheet HTML 1Page - STMicroelectronics STD30NF06LT4 Datasheet HTML 2Page - STMicroelectronics STD30NF06LT4 Datasheet HTML 3Page - STMicroelectronics STD30NF06LT4 Datasheet HTML 4Page - STMicroelectronics STD30NF06LT4 Datasheet HTML 5Page - STMicroelectronics STD30NF06LT4 Datasheet HTML 6Page - STMicroelectronics STD30NF06LT4 Datasheet HTML 7Page - STMicroelectronics STD30NF06LT4 Datasheet HTML 8Page - STMicroelectronics STD30NF06LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STD30NF06L
2/10
THERMAL DATA
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-case
Thermal Resistance Junction-case Max
2.14
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
275
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
35
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
150
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
60
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1
1.7
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 5 V, ID = 18 A
0.025
0.03
VGS = 10 V, ID = 18 A
0.022
0.028
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS > =15 V , ID =15 A
25
S
Ciss
Input Capacitance
VDS = 25 V, f = 1 MHz, VGS = 0
1600
pF
Coss
Output Capacitance
215
pF
Crss
Reverse Transfer
Capacitance
60
pF


Similar Part No. - STD30NF06LT4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD30NF06LT4 VBSEMI-STD30NF06LT4 Datasheet
898Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - STD30NF06LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NE06 STMICROELECTRONICS-STD16NE06 Datasheet
91Kb / 9P
   N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
   N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
   N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
STD19NE06 STMICROELECTRONICS-STD19NE06 Datasheet
306Kb / 9P
   N-CHANNEL 60V - 0.042 W - 19A IPAK/DPAK STripFET POWER MOSFET
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
   N-channel 60V - 0.018廓 - 35A - DPAK STripFET??II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com