Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP44S4K238B-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SFP44S4K238B-F
Description  Motor-Run and Power Supply Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SFP44S4K238B-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SFP44S4K238B-F Datasheet HTML 1Page - Cornell Dubilier Electronics SFP44S4K238B-F Datasheet HTML 2Page - Cornell Dubilier Electronics SFP44S4K238B-F Datasheet HTML 3Page - Cornell Dubilier Electronics SFP44S4K238B-F Datasheet HTML 4Page - Cornell Dubilier Electronics SFP44S4K238B-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Type SF Motor-Run and Power Supply Capacitors
Outline Drawing - Round Case Style
Case Code
Ratings - Round
Case Code D (Inches)
H
P
1.87
See Ratings Table
S
2.12
See Ratings Table
T
2.62
See Ratings Table
Cap
Stock
Catalog
Case
H
(µF)
Items
Part Number
Code (Inches)
370 Vac Round 70°C Case Temperature
2.0
*
SFP37S2K238B-F
P
2.38
3.0
*
SFP37S3K238B-F
P
2.38
4.0
S
SFP37S4K238B-F
P
2.38
5.0
*
SFP37S5K238B-F
P
2.38
6.0
*
SFP37S6K238B-F
P
2.38
7.5
*
SFP37S7.5K238B-F
P
2.38
10.0
S
SFP37S10K238B-F
P
2.38
12.5
S
SFP37S12.5K238B-F
P
2.38
15.0
S
SFP37S15K238B-F
P
2.38
17.5
*
SFP37S17.5K238B-F
P
2.38
20.0
S
SFP37S20K238B-F
P
2.38
25.0
S
SFP37S25K288B-F
P
2.88
30.0
S
SFP37S30K288B-F
P
2.88
35.0
S
SFS37S35K288B-F
S
2.88
40.0
S
SFS37S40K288B-F
S
2.88
45.0
S
SFS37S45K375B-F
S
3.75
50.0
S
SFS37S50K375B-F
S
3.75
55.0
S
SFS37S55K375B-F
S
3.75
60.0
S
SFT37S60K303B-F
T
3.03
65.0
*
SFT37S65K303B-F
T
3.03
70.0
*
SFT37S70K303B-F
T
3.03
75.0
*
SFT37S75K391B-F
T
3.91
80.0
S
SFT37S80K391B-F
T
3.91
90.0
*
SFT37S90K475B-F
T
4.75
100.0
*
SFT37S100K475B-F
T
4.75
440 Vac Round 70 °C Case Temperature
2.0
*
SFP44S2K238B-F
P
2.38
3.0
*
SFP44S3K238B-F
P
2.38
4.0
*
SFP44S4K238B-F
P
2.38
5.0
*
SFP44S5K238B-F
P
2.38
6.0
*
SFP44S6K238B-F
P
2.38
7.5
*
SFP44S7.5K238B-F
P
2.38
10.0
S
SFP44S10K238B-F
P
2.38
12.5
*
SFP44S12.5K238B-F
P
2.38
15.0
S
SFP44S15K288B-F
P
2.88
17.5
*
SFP44S17.5K288B-F
P
2.88
20.0
S
SFP44S20K288B-F
P
2.88
25.0
*
SFS44S25K288B-F
S
2.88
30.0
S
SFS44S30K288B-F
S
2.88
35.0
*
SFT44S35K303B-F
T
3.03
40.0
S
SFT44S40K391B-F
T
3.91
45.0
*
SFT44S45K391B-F
T
3.91
50.0
S
SFT44S50K391B-F
T
3.91
55.0
*
SFT44S55K391B-F
T
3.91
60.0
S
SFT44S60K475B-F
T
4.75


Similar Part No. - SFP44S4K238B-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFP40S10L288K-F CDE-SFP40S10L288K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFP40S10L288L-F CDE-SFP40S10L288L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFP40S15L288K-F CDE-SFP40S15L288K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFP40S15L288L-F CDE-SFP40S15L288L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFP40S19.5L288K-F CDE-SFP40S19.5L288K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
More results

Similar Description - SFP44S4K238B-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
PDA37U205M24 CDE-PDA37U205M24 Datasheet
393Kb / 2P
   Leak-Free Motor Run and Power Supply Capacitors
KTSM66U186M3E CDE-KTSM66U186M3E Datasheet
95Kb / 4P
   Type SM Motor-Run and Power Supply Capacitors
6.004
logo
Kemet Corporation
C878BF34300AA4J KEMET-C878BF34300AA4J Datasheet
400Kb / 10P
   Motor Run Capacitors
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com