Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKA220M350 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SKA220M350
Description  Axial Leaded Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SKA220M350 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SKA220M350 Datasheet HTML 1Page - Cornell Dubilier Electronics SKA220M350 Datasheet HTML 2Page - Cornell Dubilier Electronics SKA220M350 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SKA Axial Leaded Aluminum Electrolytic Capacitors
Load Life Characteristics
Max ESR Max Ripple
Size
Catalog
120 Hz
120 Hz
Max LC Diameter Length Lead
Cap
Part Number
25 ºC
85 ºC
5 Min.
D
L
Wire
(µF)
(Ω)
(mA)
(µA)
(mm)
(mm)
(d)
6.3 WVdc ( 8 Vdc Surge )
47
SKA470M6R3
10.60
65
3.0
5.0
12.5
0.6
100
SKA101M6R3
5.00
116
7.0
6.0
12.5
0.6
220
SKA221M6R3
1.33
204
13.9
6.3
16.0
0.6
330
SKA331M6R3
1.10
300
20.8
8.0
16.0
0.6
470
SKA471M6R3
0.62
396
29.3
8.0
16.0
0.6
1,000
SKA102M6R3
0.30
500
63.0
10.0
20.0
0.6
2,200
SKA222M6R3
0.14
826
138.6
13.0
25.0
0.6
3,300
SKA332M6R3
0.10
1020
207.9
13.0
30.0
0.6
10,000
SKA103M6R3
0.07
1450
630.0
18.0
45.0
0.8
15,000
SKA153M6R3
0.06
1800
945.0
22.0
40.0
0.8
10 WVdc ( 13 Vdc Surge )
47
SKA470M010
6.94
75
5
5
12.5
0.6
100
SKA101M010
3.26
180
10
6
16.0
0.6
220
SKA221M010
1.48
204
22
8
16.0
0.6
330
SKA331M010
0.99
249
33
8
16.0
0.6
470
SKA471M010
0.67
400
47
8
20.0
0.6
1,000
SKA102M010
0.33
585
100
10
21.0
0.6
2,200
SKA222M010
0.15
920
220
13
25.0
0.6
3,300
SKA332M010
0.10
1090
330
13
30.0
0.6
4,700
SKA472M010
0.08
1200
470
16
30.0
0.8
16 WVdc ( 20 Vdc Surge )
33
SKA330M016
6.84
60
5.3
6
12.5
0.6
47
SKA470M016
4.80
70
7.5
6
12.5
0.6
100
SKA101M016
2.76
125
16.0
6
16.0
0.6
220
SKA221M016
1.27
221
35.2
8
16.0
0.6
330
SKA331M016
0.85
350
52.8
8
20.0
0.6
470
SKA471M016
0.53
440
75.2
10
17.0
0.6
1,000
SKA102M016
0.21
680
180.0
10
26.0
0.6
2,200
SKA222M016
0.11
1000
352.0
13
30.0
0.6
3,300
SKA332M016
0.10
1200
528.0
16
30.0
0.8
4,700
SKA472M016
0.07
1360
752.0
16
40.0
0.8
25 WVdc ( 32 Vdc Surge )
22
SKA220M025
10.05
53
5.5
6
12.5
0.6
33
SKA330M025
6.70
77
8.3
6
12.5
0.6
47
SKA470M025
4.70
91
11.8
6
12.5
0.6
100
SKA101M025
2.21
158
25.0
8
16.0
0.6
220
SKA221M025
1.01
257
55.0
8
20.0
0.6
330
SKA331M025
0.76
367
82.5
10
16.0
0.6
470
SKA471M025
0.47
480
118.0
10
21.0
0.6
1,000
SKA102M025
0.22
850
250.0
13
24.0
0.6
2,200
SKA222M025
0.11
1200
550.0
16
30.0
0.8
3,300
SKA332M025
0.09
1300
825.0
16
40.0
0.8
4,700
SKA472M025
0.07
1500
1175.0
18
42.0
0.8
Max ESR Max Ripple
Size
Catalog
120 Hz
120 Hz
Max LC Diameter Length Lead
Cap
Part Number
25 ºC
85 ºC
5 Min.
D
L
Wire
(µF)
(Ω)
(mA)
(µA)
(mm)
(mm)
(d)
35 WVdc ( 44 Vdc Surge )
10
SKA100M035
17.68
35
3.5
5
12.5
0.6
22
SKA220M035
8.08
53
7.7
6
12.5
0.6
33
SKA330M035
5.54
70
11.6
6
16.0
0.6
47
SKA470M035
3.76
121
16.5
6
16.0
0.6
100
SKA101M035
1.77
194
35.0
8
16.0
0.6
220
SKA221M035
0.80
335
77.0
10
16.0
0.6
330
SKA331M035
0.54
440
115.5
10
21.0
0.6
470
SKA471M035
0.38
550
164.5
10
26.0
0.6
1,000
SKA102M035
0.18
992
350.0
13
32.0
0.6
2,200
SKA222M035
0.09
1250
770.0
16
40.0
0.8
3,300
SKA332M035
0.07
1400
1155.0
18
42.0
0.8
4,700
SKA472M035
0.06
1600
1645.0
22
40.0
0.8
50 WVdc ( 63 Vdc Surge )
10
SKA100M050
14.74
36
5.0
6
12.5
0.6
22
SKA220M050
6.70
58
11.0
6
16.0
0.6
33
SKA330M050
4.47
111
16.5
6
16.0
0.6
47
SKA470M050
3.14
130
23.5
8
16
0.6
100
SKA101M050
1.47
250
50.0
8
20
0.6
220
SKA221M050
0.67
388
110.0
10
20
0.6
330
SKA331M050
0.45
433
165.0
10
25
0.6
470
SKA471M050
0.31
650
235.0
13
27
0.6
1,000
SKA102M050
0.15
1050
500.0
16
30
0.8
2,200
SKA222M050
0.08
1300
1100.0
18
40
0.8
3,300
SKA332M050
0.06
1500
1650.0
22
40
0.8
4,700
SKA472M050
0.06
3305
2350.0
22
40
0.8
63 WVdc ( 79 Vdc Surge )
4.7
SKA4R7M063
31.4
32
3.0
6
12.5
0.6
10
SKA100M063
14.7
51
6.3
6
12.5
0.6
22
SKA220M063
6.7
91
13.9
6
16.0
0.6
33
SKA330M063
4.47
111
20.8
8
16.0
0.6
47
SKA470M063
3.14
133
29.6
8
16.0
0.6
100
SKA101M063
1.47
247
63.0
10
17.0
0.6
220
SKA221M063
0.67
450
138.6
10
25.0
0.6
330
SKA331M063
0.45
550
207.9
13
27.0
0.6
470
SKA471M063
0.31
750
296.1
13
32.0
0.6
1,000
SKA102M063
0.15
1100
630.0
16
40.0
0.8
2,200
SKA222M063
0.08
1400
1386.0
22
40.0
0.8
0
250
10
500
750
% C
Time In Hours
Capacitance Change Ratio
0
-10
-20
2200 F 25V
1000
220 F 35V
0
250
.4
500
750
% DF
Time In Hours
Dissipation Factor Change
.3
.2
.1
2200 F 25V
220 F 35V
1000
5
Time In Hours
Leakage Current Change
0
250
500
750
% LC
100
50
10
1
2200 F 25V
220 F 35V
1000
15
Ratings
RoHS Compliant


Similar Part No. - SKA220M350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
celduc-relais
SKA20420 CELDUC-SKA20420 Datasheet
95Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKA20421 CELDUC-SKA20421 Datasheet
95Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKA20440 CELDUC-SKA20440 Datasheet
95Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKA20441 CELDUC-SKA20441 Datasheet
95Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
More results

Similar Description - SKA220M350

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
AXLH CDE-AXLH Datasheet
90Kb / 5P
   High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
   Axial Aluminum Electrolytic Capacitors
1/19/2023
PEG124 KEMET-PEG124 Datasheet
572Kb / 11P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com