Electronic Components Datasheet Search |
|
LP332M025A1P3 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
LP332M025A1P3 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 3 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type LP 105 ºC Snap-In Aluminum Electrolytic Capacitors Outline Drawing Ratings Part Numbering System Diameter Length mm (in) mm (in) 25 30 35 40 45 50 (1.00) (1.18) (1.38) (1.57) (1.77) (2.00) 22 (0.87) A1 A3 A5 A7 A4 A9 25 (1.00) C1 C3 C5 C7 C4 C9 30 (1.18) E1 E3 E5 E7 E4 E9 35 (1.38) H1 H3 H5 H7 H4 H9 Max ESR Max Ripple Catalog @ 120 Hz @ 120 Hz Size Size Cap Part Number +25 ºC +105 ºC (Inches) (mm) (µF) (Ω) (A) D L D L 16 Vdc; 20 Vdc Surge 4,700 LP472M016A1P3 0.141 1.20 0.866 0.984 22 25 5,600 LP562M016C1P3 0.120 1.43 0.984 0.984 25 25 8,200 LP822M016A5P3 0.081 1.82 0.866 1.378 22 35 12,000 LP123M016E3P3 0.055 2.38 1.181 1.181 30 30 15,000 LP153M016H3P3 0.046 3.00 1.378 1.181 35 30 22,000 LP223M016E7P3 0.030 3.53 1.181 1.575 30 40 27,000 LP273M016H7P3 0.025 4.27 1.378 1.575 35 40 33,000 LP333M016H9P3 0.020 5.00 1.378 1.969 35 50 47,000 LP473M016E9P3 0.020 6.80 1.181 1.969 30 50 25 Vdc; 32 Vdc Surge 2,700 LP272M025C1P3 0.180 1.000 0.984 0.984 25 25 3,300 LP332M025A1P3 0.151 1.160 0.866 0.984 22 25 3,300 LP332M025C1P3 0.150 1.143 0.984 0.984 25 25 4,700 LP472M025C1P3 0.106 1.480 0.984 0.984 25 25 5,600 LP562M025E1P3 0.090 1.857 1.181 0.984 30 25 5,600 LP562M025C3P3 0.089 1.730 0.984 1.181 25 30 6,800 LP682M025C5P3 0.073 1.940 0.984 1.378 25 35 10,000 LP103M025H3P3 0.050 3.333 1.378 1.181 35 30 12,000 LP123M025H3P3 0.041 2.970 1.378 1.181 35 30 15,000 LP153M025E7P3 0.033 3.360 1.181 1.575 30 40 22,000 LP223M025H9P3 0.023 4.857 1.378 1.969 35 50 LP 332 M 025 A1 P 3 Case Insulating Type Cap Tolerance Voltage Code Polarity Sleeve LP 821 = 820 µF M = ±20% 025 = 25 Vdc P = Polarized 3 = PVC 332 = 3300 µF 250 = 250 Vdc 103 = 10,000 µF Max ESR Max Ripple Catalog @ 120 Hz @ 120 Hz Size Size Cap Part Number +25 ºC +105 ºC (Inches) (mm) (µF) (Ω) (A) D L D L 35 Vdc; 44 Vdc Surge 1,800 LP182M035A1P3 0.188 1.040 0.866 0.984 22 25 2,700 LP272M035C1P3 0.155 1.257 0.984 0.984 25 25 3,900 LP392M035E1P3 0.108 1.571 1.181 0.984 30 25 5,600 LP562M035E3P3 0.074 2.050 1.181 1.181 30 30 6,800 LP682M035E5P3 0.060 2.286 1.181 1.378 30 35 6,800 LP682M035C7P3 0.061 2.320 0.984 1.575 25 40 8,200 LP822M035H3P3 0.051 2.690 1.378 1.181 35 30 10,000 LP103M035E7P3 0.041 3.000 1.181 1.575 30 40 12,000 LP123M035H7P3 0.035 3.590 1.378 1.575 35 40 15,000 LP153M035H9P3 0.028 4.000 1.378 1.969 35 50 50 Vdc; 63 Vdc Surge 1,200 LP122M050A1P3 0.280 0.860 0.866 0.984 22 25 1,500 LP152M050A1P3 0.225 0.983 0.866 0.984 22 25 2,200 LP222M050A5P3 0.151 1.330 0.866 1.378 22 35 2,200 LP222M050E1P3 0.150 1.429 1.181 0.984 30 25 3,300 LP332M050E3P3 0.101 0.176 1.181 1.181 30 30 3,300 LP332M050C5P3 0.101 1.710 0.984 1.378 25 35 3,300 LP332M050C3P3 0.101 1.710 0.984 1.181 25 30 3,900 LP392M050C7P3 0.085 1.970 0.984 1.575 25 40 4,700 LP472M050H3P3 0.071 2.270 1.378 1.181 35 30 (Dimension in Millimeters) (Arrow Indicates Ground Lead) |
Similar Part No. - LP332M025A1P3 |
|
Similar Description - LP332M025A1P3 |