Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN3925A105K-V Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # FCN3925A105K-V
Description  Surface Mount Film Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCN3925A105K-V Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  FCN3925A105K-V Datasheet HTML 1Page - Cornell Dubilier Electronics FCN3925A105K-V Datasheet HTML 2Page - Cornell Dubilier Electronics FCN3925A105K-V Datasheet HTML 3Page - Cornell Dubilier Electronics FCN3925A105K-V Datasheet HTML 4Page - Cornell Dubilier Electronics FCN3925A105K-V Datasheet HTML 5Page - Cornell Dubilier Electronics FCN3925A105K-V Datasheet HTML 6Page - Cornell Dubilier Electronics FCN3925A105K-V Datasheet HTML 7Page - Cornell Dubilier Electronics FCN3925A105K-V Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Type FCN Surface Mount Film Capacitors
Part Numbering System
Specifications
Resistance to Soldering Heat:
5
s at max capacitor surface temperature
∆ Capacitance: ±5% max
Dissipation Factor: 1.1% max
IR: 1000 MΩ min (C >0.33 µF, 300 MΩ•µF
min)
Voltage withstanding: 1.5 times rated voltage,
1 min.
No significant visual damage.
Surface Temperature:
16 V & 50 V & 100 V ≤ 0.01 µF: 240 ºC max
100 V ≥ 0.012 µF, 250 V & 400 V: 230 ºC max
Moisture Resistance:
500 h at 85 ºC and 85% RH
∆ Capacitance: ±10% max
Dissipation Factor: 2% max
IR: 10 MΩ min (C >0.33 µF, 3 MΩ•µF min)
Voltage withstanding: 1.3 times rated voltage,
1 min.
No significant damage
Withstand Voltage:
16 V & 50 V, 100 V ≤ 0.01 µF: 175% rated
voltage, 5 s
100 V ≥ 0.012 µF, 250 V and 400 V: 150% rated
voltage, 5 s
FCN
1206
A
102
J
H2
Tape
Tape
Packaging
Width Diameter
Reel
Type Case Size
Voltage
Capacitance
Tolerance
Code
(mm) [in.(mm)] Quantity
FCN
1206
C = 16 Vdc
102 = 0.001 µF
J = ±5%
K1
=
8
7 (178)
4000
1913
H = 50 Vdc
223 = 0.022 µF
K = ±10%
J1, J2
=
8
7 (178)
3000
2416
A = 100 Vdc
474 = 0.47 µF
H1, H2
=
8
7 (178)
3000
2420
E = 250 Vdc
H3
=
8
7 (178)
2000
2820
G = 400 Vdc
G1, G2, G3 =
8
7 (178)
2000
3022
E1, E2
=
12
13 (330)
3000
3925
E3, E4
=
12
13 (330)
2000
3931
D1, D2
=
12
13 (330)
3000
6031
D3, D4, D5 =
12
13 (330)
2000
6040
B, Z
=
12
13 (330)
1500
U, V, X, Y
=
16
13 (330)
1000
S, T
=
24
13 (330)
750


Similar Part No. - FCN3925A105K-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCN3925A105K-V ETC2-FCN3925A105K-V Datasheet
492Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Cornell Dubilier Electr...
FCN3925A105K-V CDE-FCN3925A105K-V Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
More results

Similar Description - FCN3925A105K-V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com