Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK2R2M050ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SK2R2M050ST
Description  85 ?C Radial Leaded Aluminum Electorlytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SK2R2M050ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SK2R2M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SK2R2M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SK2R2M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SK2R2M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics SK2R2M050ST Datasheet HTML 5Page - Cornell Dubilier Electronics SK2R2M050ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 85 ºC Radial Leaded Aluminum Electrolytic Capacitors
2000 Hour Long Life, General Purpose Aluminum Electrolytic
Type SK is a radial leaded aluminum electrolytic
capacitor with a +85 ºC, 2000 hour long life rating. The
SK is a high CV rated product and is ideal for general
purpose applications such as stereo radio, TV, comput-
ers and other consumer electronic products.
Highlights
+85 ºC
2000 hours - long life
High CV
Available in T&R and ammo pack
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Dissipation Factor @ 120 Hz, +20 ºC:
Ripple Multipliers for Voltage and Temperature:
0.47 to 15,000 µF
6.3 to 450 Vdc
±20%
–40 ºC to +85 ºC; 6.3 to 100 Vdc
–25 ºC to +85 ºC; 160 to 450 Vdc
6.3 to 100 Vdc; after 2 min; +20 ºC at rated voltage
I = ≤.01CV or 3 µA Max
≥100 Vdc; after 3 min; +20 ºC at rated voltage
I = ≤.03CV or 10 µA Max
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
WV (V) 6.3 10 16 25 35 50 63 100 160-250 350-450
DF(%)
24 20 16 14 12 10 10 10
20
24
Rated
Ripple Multipliers
WVDC
60Hz
120Hz
1kHz
6 to 25
0.85
1.0
1.1
35 to 100
0.75
1.0
1.3
160 to 250
0.70
1.0
1.4
Ambient
Ripple
Temperature Multiplier
+85 ºC
1.00
+75 ºC
1.14
+65 ºC
1.25
Apply WVDC for 2000 hours at +85 ºC
Capacitance change within 20% of initial limit
DF not to exceed 200% of initial requirement
Leakage current meets initial limits
1000 hrs at +85 ºC with no voltage applied
Cap change within 20% of initial values
DF ≤ 200% of initial requirements
DC leakage current meets initial measured value
For capacitance values > 1000 µF, the DF (%) value is
increased 2% for every additional 1000 µF
Load Life:
Shelf Life:


Similar Part No. - SK2R2M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK2R2M050ST CDE-SK2R2M050ST Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
More results

Similar Description - SK2R2M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com