Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFC48S18L291K-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SFC48S18L291K-F
Description  Lighting Capacitors, 90 ?C Rated, Oil Filled
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SFC48S18L291K-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SFC48S18L291K-F Datasheet HTML 1Page - Cornell Dubilier Electronics SFC48S18L291K-F Datasheet HTML 2Page - Cornell Dubilier Electronics SFC48S18L291K-F Datasheet HTML 3Page - Cornell Dubilier Electronics SFC48S18L291K-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508) 996-3830 • www.cde.com
Type SF Lighting Capacitors, 90 °C Rated, Oil Filled
Ratings - Round Case Style
Ratings - Oval Case Style
Catalog
Case
Catalog
Case
Cap.
Part Number
Code
H
Cap.
Part Number
Code
H
(µF)
(Inches)
(µF)
(Inches)
280 Vac Round 90 °C Case Temperature
280 Vac Oval 90 °C Case Temperature
5.0
SFP28S5L238K-F
P
2.38
5.0
SFA28S5L156K-F
A
1.56
7.0
SFP28S7L238K-F
P
2.38
7.0
SFA28S7L156K-F
A
1.56
10.0
SFP28S10L238K-F
P
2.38
10.0
SFA28S10L288K-F
A
2.88
12.0
SFP28S12L238K-F
P
2.38
12.0
SFA28S12L288K-F
A
2.88
14.0
SFP28S14L238K-F
P
2.38
14.0
SFA28S14L288K-F
A
2.88
17.5
SFP28S17.5L238K-F
P
2.38
17.5
SFC28S17.5L291K-F
C
2.91
20.0
SFP28S20L288K-F
P
2.88
20.0
SFC28S20L291K-F
C
2.91
35.0
SFP28S35L288K-F
P
2.88
35.0
SFC28S35L291K-F
C
2.91
48.0
SFP28S48L375K-F
P
3.75
48.0
SFC28S48L391K-F
C
3.91
55.0
SFS28S55L375K-F
S
3.75
55.0
SFC28S55L391K-F
C
3.91
300 Vac Round 90 °C Case Temperature
300 Vac Oval 90 °C Case Temperature
10.0
SFP30S10L238K-F
P
2.38
10.0
SFA30S10L288K-F
A
2.88
12.0
SFP30S12L238K-F
P
2.38
12.0
SFA30S12L288K-F
A
2.88
14.0
SFP30S14L238K-F
P
2.38
14.0
SFA30S14L288K-F
A
2.88
16.0
SFP30S16L238K-F
P
2.38
16.0
SFC30S16L291K-F
C
2.91
20.0
SFP30S20L238K-F
P
2.38
20.0
SFC30S20L291K-F
C
2.91
330 Vac Round 90 °C Case Temperature
330 Vac Oval 90 °C Case Temperature
22.5
SFP33S22.5L288K-F
P
2.88
22.5
SFC33S22.5L291K-F
C
2.91
24.0
SFP33S24L288K-F
P
2.88
24.0
SFC33S24L291K-F
C
2.91
26.0
SFP33S26L288K-F
P
2.88
26.0
SFC33S26L291K-F
C
2.91
28.0
SFP33S28L288K-F
P
2.88
28.0
SFC33S28L291K-F
C
2.91
30.0
SFP33S30L288K-F
P
2.88
30.0
SFC33S30L291K-F
C
2.91
400 Vac Round 90 °C Case Temperature
400 Vac Oval 90 °C Case Temperature
10.0
SFP40S10L288K-F
P
2.88
10.0
SFA40S10L288K-F
A
2.88
15.0
SFP40S15L288K-F
P
2.88
15.0
SFC40S15L291K-F
C
2.91
19.5
SFP40S19.5L288K-F
P
2.88
19.5
SFC40S19.5L291K-F
C
2.91
20.5
SFP40S20.5L288K-F
P
2.88
20.5
SFC40S20.5L291K-F
C
2.91
24.0
SFP40S24L375K-F
P
3.75
24.0
SFC40S24L391K-F
C
3.91
480 Vac Round 90 °C Case Temperature
480 Vac Oval 90 °C Case Temperature
12.0
SFP48S12L288K-F
P
2.88
12.0
SFC48S12L291K-F
C
2.91
15.0
SFP48S15L288K-F
P
2.88
15.0
SFC48S15L291K-F
C
2.91
18.0
SFS48S18L288K-F
S
2.88
18.0
SFC48S18L291K-F
C
2.91
19.0
SFS48S19L288K-F
S
2.88
19.0
SFC48S19L291K-F
C
2.91
21.0
SFS48S21L288K-F
S
2.88
21.0
SFC48S21L391K-F
C
3.91
24.0
SFP48S24L375K-F
P
3.75
24.0
SFC48S24L391K-F
C
3.91
525 Vac Round 90 °C Case Temperature
525 Vac Oval 90 °C Case Temperature
16.0
SFS52S16L288K-F
S
2.88
16.0
SFC52S16L391K-F
C
3.91
26.0
SFT52S26L391K-F
T
3.91
26.0
SFD52S26L391K-F
D
3.91
32.0
SFT52S32L391K-F
T
3.91
32.0
SFD52S32L391K-F
D
3.91
The capacitors listed satisfy the majority of applications. Please contact the factory for other ratings as custom designs.
See Capacitor Hardware for Clamps and Brackets


Similar Part No. - SFC48S18L291K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFC4000 ETC2-SFC4000 Datasheet
436Kb / 15P
   CMOSens technology
logo
Cornell Dubilier Electr...
SFC44S12.5K291B-F CDE-SFC44S12.5K291B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
SFC44S15K291B-F CDE-SFC44S15K291B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
SFC44S17.5K291B-F CDE-SFC44S17.5K291B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
SFC44S20K391B-F CDE-SFC44S20K391B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
More results

Similar Description - SFC48S18L291K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
21FD3720 ETC2-21FD3720 Datasheet
168Kb / 4P
   Oval and Round, Oil Filled, 70 C, Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
DLAA12P5L68W CDE-DLAA12P5L68W Datasheet
182Kb / 4P
   AC Rated 100 ?C Dry HID Lighting Capacitors
32FD3701-F CDE-32FD3701-F Datasheet
157Kb / 3P
   AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
SFS37S15-5K328E-F CDE-SFS37S15-5K328E-F Datasheet
222Kb / 3P
   Dual, Round & Oval, Oil-Filled Motor Run Capacitors
SNU102K104R-F CDE-SNU102K104R-F Datasheet
107Kb / 1P
   Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
AVX Corporation
008380010000010 AVX-008380010000010 Datasheet
51Kb / 2P
   UL94VO rated glass filled grey polyester
logo
EPCOS
B32427 EPCOS-B32427 Datasheet
202Kb / 5P
   AC Film Capacitors Lighting
B32436 EPCOS-B32436 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
B32325 EPCOS-B32325 Datasheet
354Kb / 4P
   AC Film Capacitors Lighting
B32326 EPCOS-B32326 Datasheet
332Kb / 5P
   AC Film Capacitors Lighting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com