Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DME10P18K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DME10P18K-F
Description  Polyester Film Capacitors Metallized Radial Leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DME10P18K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DME10P18K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DME10P18K-F Datasheet HTML 2Page - Cornell Dubilier Electronics DME10P18K-F Datasheet HTML 3Page - Cornell Dubilier Electronics DME10P18K-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type DME Polyester Film Capacitors
Cap.
Catalog
T Max.
H Max.
L Max.
S ±.04 (±1.0)
d
dV/dt
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm) V/μs
100 Vdc (65 Vac)
0.56 DME1P56K-F
0.217
(5.5)
0.429 (10.9) 0.492 (12.5) 0.394 (10.0) 0.024 (0.6) 16
0.68 DME1P68K-F
0.236
(6.0)
0.469 (11.9) 0.492 (12.5) 0.394 (10.0) 0.024 (0.6) 16
0.82 DME1P82K-F
0.256
(6.5)
0.531 (13.5) 0.492 (12.5) 0.394 (10.0) 0.024 (0.6) 16
1.00 DME1W1K-F
0.276
(7.0)
0.551 (14.0) 0.492 (12.5) 0.394 (10.0) 0.024 (0.6) 16
1.20 DME1W1P2K-F
0.217
(5.5)
0.504 (12.8) 0.728 (18.5) 0.591 (15.0) 0.024 (0.6) 10
1.50 DME1W1P5K-F
0.256
(6.5)
0.528 (13.4) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
1.80 DME1W1P8K-F
0.256
(6.5)
0.571 (14.5) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
2.20 DME1W2P2K-F
0.295
(7.5)
0.610 (15.5) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
2.70 DME1W2P7K-F
0.315
(8.0)
0.630 (16.0) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
3.30 DME1W3P3K-F
0.354
(9.0)
0.650 (16.5) 0.728 (18.5) 0.591 (15.0) 0.032 (0.8) 10
3.90 DME1W3P9K-F
0.276
(7.0)
0.646 (16.4) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
4.70 DME1W4P7K-F
0.315
(8.0)
0.669 (17.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
5.60 DME1W5P6K-F
0.354
(9.0)
0.689 (17.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
6.80 DME1W6P8K-F
0.374
(9.5)
0.728 (18.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
8.20 DME1W8P2K-F
0.394 (10.0) 0.787 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
10.00 DME1W10K-F
0.453 (11.5) 0.827 (21.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
6
Metallized Radial Leads
Specifications
Ratings
NOTE: Refer to Application Guide for test conditions.
Contact us for other capacitance values, sizes and performance specifications.
DC Applications
Miniature Size
Voltage Range: 100-1000 Vdc (65-250 Vac, 60 Hz)
Capacitance Range: .01-10 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: -55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 150% (1 minute)
Dissipation Factor: 1% Max. (25 °C, 1kHz)
Insulation Resistance: 3,000 Mx µF
9,000 MMin.
Life Test: 1000 Hours at 85°C at 125% Rated Voltage
Type DME radial-leaded, mini-dipped capacitors deliver
virtually the same performance of other capacitors physically
twice as big. Improvements in film technology permit the
use of thinner dielectric and make
Type DME the choice for
all but higher current AC applications where the larger size
may be an advantage.
Type DME self heals shorts caused
by overvoltage transients. For small size and low cost,
Type
DME is tops.
RoHS Compliant


Similar Part No. - DME10P18K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DME10P18K-F CDE-DME10P18K-F Datasheet
493Kb / 4P
   Type DME Polyester Film Capacitors
More results

Similar Description - DME10P18K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DSF050J103 CDE-DSF050J103 Datasheet
119Kb / 2P
   Polyester Capacitors Stacked Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Vishay Siliconix
BTM510 VISHAY-BTM510 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Vishay Siliconix
BFC237261223 VISHAY-BFC237261223 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com