Electronic Components Datasheet Search |
|
4CMC322M400EF8 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics |
|
4CMC322M400EF8 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics |
3 / 7 page CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com Type 4CMC 85 °C, High-Cap, Radial Leaded, Aluminum Electrolytic Ratings ESR Max. 25 ºC 120 Hz 20 kHz (mΩ) (mΩ) Ripple Amps, 85 ºC 120 Hz 20 kHz (A) (A) Nominal Size D X L (in) ESR Max. 25 ºC 120 Hz 20 kHz (mΩ) (mΩ) Ripple Amps, 85 ºC 120 Hz 20 kHz (A) (A) Nominal Size D X L (in) Cap. (µF) Catalog Part Number Cap. (µF) Catalog Part Number 16 Vdc (20 Vdc Surge) 200000 4CMC204M016AF8 10.3 8.2 16.9 19.0 1 3/8 X 5 3/4 33000 4CMC333M016AK8 34.2 27.2 5.7 6.4 1 3/8 X 1 3/4 220000 4CMC224M016EC8 13 10.3 15.2 17 1 3/4 X 4 1/4 55000 4CMC553M016AA8 21.2 16.9 8.4 9.4 1 3/8 X 2 1/4 240000 4CMC244M016BJ8 11.7 9.3 15.6 17.5 2 X 3 3/4 77000 4CMC773M016AH8 18.3 14.6 9.3 10.4 1 3/8 X 2 3/4 250000 4CMC254M016ED8 11.5 9.2 17 19 1 3/4 X 4 3/4 79000 4CMC793M016EA8 23.0 18.3 9.2 10.4 1 3/4 X 2 1/4 280000 4CMC284M016EE8 10.5 8.4 18.9 21.2 1 3/4 X 5 1/4 99000 4CMC993M016AB8 14.8 11.8 11.1 12.4 1 3/8 X 3 1/4 280000 4CMC284M016BC8 11.4 9.1 15.9 17.8 2 X 4 1/4 110000 4CMC114M016EH8 17.4 13.8 11.4 12.7 1 3/4 X 2 3/4 310000 4CMC314M016EF8 9.7 7.7 21.0 23.5 1 3/4 X 5 3/4 120000 4CMC124M016AJ8 12.8 10.2 12.5 14.0 1 3/8 X 3 3/4 330000 4CMC334M016BD8 10.7 8.5 16.9 19 2 X 4 3/4 120000 4CMC124M016BA8 17.7 14.1 10.0 11.2 2 X 2 1/4 370000 4CMC374M016BE8 10.0 8.0 18.1 20.3 2 X 5 1/4 140000 4CMC144M016AC8 12.5 9.9 13.3 15.0 1 3/8 X 4 1/4 420000 4CMC424M016BF8 9.0 7.2 19.8 22.2 2 X 5 3/4 140000 4CMC144M016EB8 15.8 12.6 12.9 14.4 1 3/4 X 3 1/4 25 Vdc (30 Vdc Surge) 150000 4CMC154M016BH8 14.5 11.6 11.9 13.3 2 X 2 3/4 22000 4CMC223M025AK8 63.2 50.4 4.2 4.7 1 3/8 X 1 3/4 160000 4CMC164M016AD8 11.5 9.1 14.5 16.2 1 3/8 X 4 3/4 37000 4CMC373M025AA8 23.9 19.1 7.9 8.8 1 3/8 X 2 1/4 180000 4CMC184M016AE8 10.8 8.6 15.8 17.7 1 3/8 X 5 1/4 52000 4CMC523M025AH8 20.6 16.4 8.8 9.8 1 3/8 X 2 3/4 180000 4CMC184M016EJ8 15.0 12.0 13.6 15.3 1 3/4 X 3 3/4 54000 4CMC543M025EA8 22.9 18.3 9.3 10.4 1 3/4 X 2 1/4 190000 4CMC194M016BB8 12.3 9.8 13.6 15.2 2 X 3 1/4 67000 4CMC673M025AB8 16.6 13.2 10.5 11.7 1 3/8 X 3 1/4 Case Inches Millimeters Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38 AK 1.375 1.75 0.50 0.175 0.25 0.55 34.93 44.45 12.70 4.45 6.35 13.97 AA 1.375 2.25 0.50 0.175 0.25 0.55 34.93 57.15 12.70 4.45 6.35 13.97 AH 1.375 2.75 0.50 0.175 0.25 0.55 34.98 69.85 12.70 4.45 6.35 13.97 AB 1.375 3.25 0.50 0.175 0.25 0.55 34.93 82.55 12.70 4.45 6.35 13.97 AJ 1.375 3.75 0.50 0.175 0.25 0.55 34.93 95.25 12.70 4.45 6.35 13.97 AC 1.375 4.25 0.50 0.175 0.25 0.55 34.93 107.95 12.70 4.45 6.35 13.97 AD 1.375 4.75 0.50 0.175 0.25 0.55 34.93 120.65 12.70 4.45 6.35 13.97 AE 1.375 5.25 0.50 0.175 0.25 0.55 34.93 133.35 12.70 4.45 6.35 13.97 AF 1.375 5.75 0.50 0.175 0.25 0.55 34.93 146.05 12.70 4.45 6.35 13.97 EA 1.75 2.25 0.70 0.375 0.35 0.90 44.45 57.15 17.78 9.53 8.89 22.86 EH 1.75 2.75 0.70 0.375 0.35 0.90 44.45 69.85 17.78 9.53 8.89 22.86 EB 1.75 3.25 0.70 0.375 0.35 0.90 44.45 82.55 17.78 9.53 8.89 22.86 EJ 1.75 3.75 0.70 0.375 0.35 0.90 44.45 95.25 17.78 9.53 8.89 22.86 EC 1.75 4.25 0.70 0.375 0.35 0.90 44.45 107.95 17.78 9.53 8.89 22.86 ED 1.75 4.75 0.70 0.375 0.35 0.90 44.45 120.65 17.78 9.53 8.89 22.86 EE 1.75 5.25 0.70 0.375 0.35 0.90 44.45 133.35 17.78 9.53 8.89 22.86 EF 1.75 5.75 0.70 0.375 0.35 0.90 44.45 146.05 17.78 9.53 8.89 22.86 BA 2.00 2.25 0.80 0.425 0.40 1.00 50.80 57.15 20.32 10.80 10.16 25.40 BH 2.00 2.75 0.80 0.425 0.40 1.00 50.80 69.85 20.32 10.80 10.16 25.40 BB 2.00 3.25 0.80 0.425 0.40 1.00 50.80 82.55 20.32 10.80 10.16 25.40 BJ 2.00 3.75 0.80 0.425 0.40 1.00 50.80 95.25 20.32 10.80 10.16 25.40 BC 2.00 4.25 0.80 0.425 0.40 1.00 50.80 107.95 20.32 10.80 10.16 25.40 BD 2.00 4.75 0.80 0.425 0.40 1.00 50.80 120.65 20.32 10.80 10.16 25.40 BE 2.00 5.25 0.80 0.425 0.40 1.00 50.80 133.25 20.32 10.80 10.16 25.40 BF 2.00 5.75 0.80 0.425 0.40 1.00 50.80 146.05 20.32 10.80 10.16 25.40 Typical Performance Curves |
Similar Part No. - 4CMC322M400EF8 |
|
Similar Description - 4CMC322M400EF8 |