Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP392M050C3P3 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SLP392M050C3P3
Description  105 쨘C Aluminum Electrolytic Snap-In Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP392M050C3P3 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SLP392M050C3P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP392M050C3P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP392M050C3P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP392M050C3P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP392M050C3P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP392M050C3P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP392M050C3P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP392M050C3P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLP 105 ºC Aluminum Electrolytic Snap-In Capacitors
Specifications
Capacitor stored @ no voltage for 1 kh @ 105 ºC
Δ Capacitance ±20% or initial value
DF ≤200% of specified value
Leakage current = initial value
There shall be no leakage of electrolyte
2 h applied in 3 mutually perpendicular directions:
Vibration frequency range: 10 Hz to 55 Hz for one
minute. Peak to peak amplitude: 1.5 mm
Shelf Life:
Vibration:
Outline Drawings
Part Numbering System
SLP
332
M
025
A1
P
3
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Polarity
Sleeve
SLP
821 = 820 µF
M = ±20%
025 = 25 Vdc
P = Polarized
3 = PVC
332 = 3300 µF
250 = 250 Vdc
103 = 10,000 µF
Diameter
Length
mm
(in)
mm
(in)
25
30
35
40
45
50
(1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22
(0.87)
A1
A3
A5
A7
A4
A9
25
(1.00)
C1
C3
C5
C7
C4
C9
30
(1.18)
E1
E3
E5
E7
E4
E9
35
(1.38)
H1
H3
H5
H7
H4
H9
0.8
+0.2
-0.1
D + 1.0
Max.
L
± 2.0
6.3 ± 1.0
Polarity
Bar
Vinyl
Sleeve
6.3 ± 1.0
3.5
PC Board
Hole Dimensions
2.0 0.01 Dia.
±
10.0 0.1
±
Insulation Disk
0.8 +0.2/-0.1
1.5 +0.2/-0.1


Similar Part No. - SLP392M050C3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP392M050C3P3 CDE-SLP392M050C3P3 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP392M050C3P3 CDE-SLP392M050C3P3 Datasheet
369Kb / 9P
   Best for switching power supplies
More results

Similar Description - SLP392M050C3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Cornell Dubilier Electr...
HES601G350V2C CDE-HES601G350V2C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
CGR143U016R3C CDE-CGR143U016R3C Datasheet
832Kb / 3P
   105 쨘C High Temp Screw Terminal Aluminum Electrolytic
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com