Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500C424U025DF2D Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 500C424U025DF2D
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C424U025DF2D Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  500C424U025DF2D Datasheet HTML 1Page - Cornell Dubilier Electronics 500C424U025DF2D Datasheet HTML 2Page - Cornell Dubilier Electronics 500C424U025DF2D Datasheet HTML 3Page - Cornell Dubilier Electronics 500C424U025DF2D Datasheet HTML 4Page - Cornell Dubilier Electronics 500C424U025DF2D Datasheet HTML 5Page - Cornell Dubilier Electronics 500C424U025DF2D Datasheet HTML 6Page - Cornell Dubilier Electronics 500C424U025DF2D Datasheet HTML 7Page - Cornell Dubilier Electronics 500C424U025DF2D Datasheet HTML 8Page - Cornell Dubilier Electronics 500C424U025DF2D Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
Typical Performance Curves
Ratings
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
6.3 Vdc (8 Vdc Surge)
510000 500C514U6R3CC2D
3.8
33.40
2 1/2 x 4 1/8
27000
500C273U6R3AK2B
46.9
4.70
1 3/8 x 1 5/8
580000 500C584U6R3CD2D
3.4
36.80
2 1/2 x 4 5/8
55000
500C553U6R3AA2B
26.5
6.90
1 3/8 x 2 1/8
620000
500C624U6R3DJ2D
3.3
38.20
3 x 3 5/8
66000
500C663U6R3AH2B
18.8
8.90
1 3/8 x 2 5/8
680000 500C684U6R3CE2D
3.1
40.00
2 1/2 x 5 1/8
87000
500C873U6R3AB2B
14.7
10.70
1 3/8 x 3 1/8
740000 500C744U6R3DC2D
2.9
42.50
3 x 4 1/8
96000
500C963U6R3EA2B
18.8
9.60
1 3/4 x 2 1/8
760000
500C764U6R3CF2D
2.8
42.90
2 1/2 x 5 5/8
110000
500C114U6R3AJ2B
12.8
12.10
1 3/8 x 3 5/8
880000 500C884U6R3DD2D
2.6
46.70
3 x 4 5/8
120000
500C124U6R3EH2B
14.3
11.80
1 3/4 x 2 5/8
980000 500C984U6R3DE2D
2.4
50.60
3 x 5 1/8
120000
500C124U6R3BA2B
14.2
12.00
2 x 2 1/8
1100000 500C115U6R3DF2D
2.4
51.30
3 x 5 5/8
130000
500C134U6R3AC2B
11.0
13.70
1 3/8 x 4 1/8
1100000 500C115U6R3FC2D
3.0
46.40
3 1/2 x 4 1/8
140000
500C144U6R3BH2B
9.9
15.50
2 x 2 5/8
1100000 500C115U6R3FD2D
2.6
51.00
3 1/2 x 4 5/8
150000
500C154U6R3AD2B
9.8
15.20
1 3/8 x 4 5/8
1200000 500C125U6R3DP2D
2.4
52.00
3 x 5 7/8
160000
500C164U6R3EB2B
11.0
14.30
1 3/4 x 3 1/8
1400000 500C145U6R3FE2D
2.4
55.40
3 1/2 x 5 1/8
170000
500C174U6R3AE2B
8.9
16.50
1 3/8 x 5 1/8
1600000 500C165U6R3FF2D
2.4
56.10
3 1/2 x 5 5/8
190000
500C194U6R3AF2B
8.3
17.80
1 3/8 x 5 5/8
1600000 500C165U6R3DN2D
2.6
55.90
3 x 7 5/8
190000
500C194U6R3EJ2B
9.1
16.60
1 3/4 x 3 5/8
1700000 500C175U6R3FP2D
2.4
57.00
3 1/2 x 5 7/8
200000
500C204U6R3BB2B
7.8
18.40
2 x 3 1/8
1800000 500C185U6R3DG2D
2.4
58.60
3 x 8 5/8
230000
500C234U6R3EC2B
7.9
18.70
1 3/4 x 4 1/8
2300000 500C235U6R3FN2D
2.4
61.70
3 1/2 x 7 5/8
250000
500C254U6R3BJ2B
6.5
21.40
2 x 3 5/8
2600000 500C265U6R3FG2D
2.4
64.40
3 1/2 x 8 5/8
250000 500C254U6R3CH2B
6.9
21.20
2 1/2 x 2 5/8
10 Vdc (12 Vdc Surge)
270000
500C274U6R3ED2B
7.0
20.60
1 3/4 x 4 5/8
22000
500C223U010AK2B
46.9
4.70
1 3/8 x 1 5/8
300000
500C304U6R3BC2B
5.6
24.10
2 x 4 1/8
39000
500C393U010AA2B
26.5
6.90
1 3/8 x 2 1/8
310000
500C314U6R3EE2B
6.4
22.40
1 3/4 x 5 1/8
52000
500C523U010AH2B
20.1
8.60
1 3/8 x 2 5/8
340000
500C344U6R3CB2B
5.3
25.80
2 1/2 x 3 1/8
70000
500C703U010AB2B
15.5
10.50
1 3/8 x 3 1/8
350000
500C354U6R3EF2B
6.0
24.00
1 3/4 x 5 5/8
71000
500C713U010EA2B
18.8
9.60
1 3/4 x 2 1/8
360000
500C364U6R3BD2B
5.0
26.60
2 x 4 5/8
87000
500C873U010AJ2B
12.8
12.10
1 3/8 x 3 5/8
410000
500C414U6R3BE2B
4.5
28.80
2 x 5 1/8
95000
500C953U010EH2B
14.3
11.80
1 3/4 x 2 5/8
420000
500C424U6R3CJ2B
4.3
29.90
2 1/2 x 3 5/8
100000
500C104U010AC2B
11.0
13.70
1 3/8 x 4 1/8
450000
500C454U6R3BF2D
4.2
30.90
2 x 5 5/8
100000
500C104U010BA2B
17.6
10.70
2 x 2 1/8
500000 500C504U6R3DB2D
4.1
32.90
3 x 3 1/8
120000
500C124U010AD2B
9.8
15.20
1 3/8 x 4 5/8


Similar Part No. - 500C424U025DF2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C424U025DF2D CDE-500C424U025DF2D Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C424U025DF2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com