Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP123M035E7P3 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SLP123M035E7P3
Description  105 쨘C Aluminum Electrolytic Snap-In Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP123M035E7P3 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SLP123M035E7P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP123M035E7P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP123M035E7P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP123M035E7P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP123M035E7P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP123M035E7P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP123M035E7P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP123M035E7P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLP 105 ºC Aluminum Electrolytic Snap-In Capacitors
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/105°C
Size (DxL)
μF
3000 h @ 105 ºC
(Ω)
(A
rms)
(mm)
50 Vdc (63 Vdc Surge)
6800
SLP682M050C4P3
0.068
3.30
25 x 45
6800
SLP682M050E5P3
0.068
3.30
30 x 35
6800
SLP682M050H3P3
0.068
3.30
35 x 30
8200
SLP822M050E7P3
0.057
3.71
30 x 40
8200
SLP822M050H5P3
0.057
3.85
35 x 35
10000
SLP103M050E9P3
0.046
4.51
30 x 50
10000
SLP103M050H7P3
0.046
4.49
35 x 40
12000
SLP123M050H4P3
0.039
4.56
35 x 45
15000
SLP153M050H9P3
0.031
4.80
35 x 50
63 Vdc (79 Vdc Surge)
1200
SLP122M063A1P3
0.332
1.40
22 x 25
1500
SLP152M063A3P3
0.265
1.50
22 x 30
1800
SLP182M063A3P3
0.221
1.70
22 x 30
1800
SLP182M063C1P3
0.221
1.70
25 x 25
2200
SLP222M063A5P3
0.181
2.00
22 x 35
2200
SLP222M063C3P3
0.181
2.00
25 x 30
2700
SLP272M063A7P3
0.147
2.20
22 x 40
2700
SLP272M063C5P3
0.147
2.20
25 x 35
2700
SLP272M063E1P3
0.147
2.20
30 x 25
3300
SLP332M063A4P3
0.121
2.60
22 x 45
3300
SLP332M063C5P3
0.121
2.39
25 x 35
3300
SLP332M063E3P3
0.121
2.50
30 x 30
3900
SLP392M063C7P3
0.102
2.57
25 x 40
3900
SLP392M063E5P3
0.102
2.70
30 x 35
4700
SLP472M063C9P3
0.085
3.00
25 x 50
4700
SLP472M063E7P3
0.085
3.00
30 x 40
4700
SLP472M063H3P3
0.085
3.00
35 x 30
5600
SLP562M063E7P3
0.071
3.22
30 x 40
5600
SLP562M063H5P3
0.071
3.30
35 x 35
6800
SLP682M063E9P3
0.059
3.86
30 x 50
6800
SLP682M063H7P3
0.059
3.84
35 x 40
8200
SLP822M063H4P3
0.049
4.43
35 x 45
10000
SLP103M063H9P3
0.040
5.11
35 x 50
10000
SLP103M063H4P3
0.040
4.89
35 x 45
80 Vdc (100 Vdc Surge)
1000
SLP102M080A1P3
0.332
1.19
22 x 25
1200
SLP122M080A3P3
0.276
1.50
22 x 30
1500
SLP152M080A3P3
0.221
1.59
22 x 30
1500
SLP152M080C1P3
0.221
1.59
25 x 25
1800
SLP182M080A5P3
0.184
1.79
22 x 35
1800
SLP182M080C3P3
0.184
1.71
25 x 30
2200
SLP222M080A7P3
0.151
2.03
22 x 40
2200
SLP222M080C5P3
0.151
2.10
25 x 35
2200
SLP222M080E1P3
0.151
1.98
30 x 25
2700
SLP272M080A4P3
0.123
2.39
22 x 45
2700
SLP272M080C7P3
0.123
2.35
25 x 40
2700
SLP272M080E3P3
0.123
2.35
30 x 30
3300
SLP332M080C4P3
0.101
2.64
25 x 45
3300
SLP332M080E5P3
0.101
2.61
30 x 35
3300
SLP332M080H3P3
0.101
2.60
35 x 30
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/105°C
Size (DxL)
μF
3000 h @ 105 ºC
(Ω)
(A
rms)
(mm)
25 Vdc (32 Vdc Surge)
10000
SLP103M025C5P3
0.060
3.00
25 x 35
10000
SLP103M025E3P3
0.060
3.00
30 x 30
12000
SLP123M025A9P3
0.050
3.20
22 x 50
12000
SLP123M025C7P3
0.050
3.20
25 x 40
15000
SLP153M025C4P3
0.040
3.60
25 x 45
15000
SLP153M025E5P3
0.040
3.60
30 x 35
15000
SLP153M025H3P3
0.040
3.60
35 x 30
18000
SLP183M025E7P3
0.033
3.90
30 x 40
18000
SLP183M025H5P3
0.033
3.90
35 x 35
22000
SLP223M025E4P3
0.027
4.30
30 x 45
22000
SLP223M025H5P3
0.027
4.30
35 x 35
27000
SLP273M025H4P3
0.022
4.80
35 x 45
33000
SLP333M025H9P3
0.018
5.55
35 x 50
35 Vdc (44 Vdc Surge)
3900
SLP392M035A3P3
0.136
2.00
22 x 30
4700
SLP472M035A5P3
0.113
2.20
22 x 35
4700
SLP472M035C1P3
0.113
2.20
25 x 25
4700
SLP472M035C5P3
0.113
2.53
25 x 35
5600
SLP562M035A5P3
0.095
2.40
22 x 35
5600
SLP562M035C3P3
0.095
2.40
25 x 30
6800
SLP682M035A7P3
0.078
2.60
22 x 40
6800
SLP682M035C5P3
0.078
2.60
25 x 35
6800
SLP682M035E1P3
0.078
2.78
30 x 25
8200
SLP822M035A9P3
0.065
2.90
22 x 50
8200
SLP822M035C7P3
0.065
2.90
25 x 40
8200
SLP822M035E3P3
0.065
2.90
30 x 30
10000
SLP103M035C7P3
0.053
3.04
25 x 40
10000
SLP103M035C4P3
0.053
3.20
25 x 45
10000
SLP103M035E5P3
0.053
3.20
30 x 35
10000
SLP103M035C7P3
0.053
3.04
25 x 40
12000
SLP123M035C9P3
0.044
3.50
25 x 50
12000
SLP123M035E7P3
0.044
3.50
30 x 40
12000
SLP123M035H3P3
0.044
3.50
35 x 30
15000
SLP153M035E4P3
0.035
3.90
30 x 45
15000
SLP153M035H5P3
0.035
3.90
35 x 35
18000
SLP183M035H7P3
0.029
4.51
35 x 40
22000
SLP223M035H4P3
0.024
5.24
35 x 45
22000
SLP223M035H9P3
0.024
5.48
35 x 50
50 Vdc (63 Vdc Surge)
1800
SLP182M050A1P3
0.258
1.50
22 x 25
2200
SLP222M050A3P3
0.211
1.70
22 x 30
2700
SLP272M050A3P3
0.172
1.80
22 x 30
2700
SLP272M050C1P3
0.172
1.80
25 x 25
3300
SLP332M050A5P3
0.141
2.00
22 x 35
3300
SLP332M050C3P3
0.141
2.00
25 x 30
3900
SLP392M050A7P3
0.119
2.23
22 x 40
3900
SLP392M050C3P3
0.119
2.20
25 x 30
3900
SLP392M050E1P3
0.119
2.20
30 x 25
4700
SLP472M050A4P3
0.099
2.50
22 x 45
4700
SLP472M050C5P3
0.099
2.43
25 x 35
4700
SLP472M050E3P3
0.099
2.50
30 x 30
5600
SLP562M050A9P3
0.083
2.80
22 x 50
5600
SLP562M050C7P3
0.083
2.80
25 x 40
5600
SLP562M050E3P3
0.083
2.76
30 x 30


Similar Part No. - SLP123M035E7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP123M035E7P3 CDE-SLP123M035E7P3 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP123M035E7P3 CDE-SLP123M035E7P3 Datasheet
369Kb / 9P
   Best for switching power supplies
More results

Similar Description - SLP123M035E7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Cornell Dubilier Electr...
HES601G350V2C CDE-HES601G350V2C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
CGR143U016R3C CDE-CGR143U016R3C Datasheet
832Kb / 3P
   105 쨘C High Temp Screw Terminal Aluminum Electrolytic
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com