Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2NM60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD2NM60
Description  N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NM60 Datasheet(HTML) 5 Page - STMicroelectronics

  STD2NM60 Datasheet HTML 1Page - STMicroelectronics STD2NM60 Datasheet HTML 2Page - STMicroelectronics STD2NM60 Datasheet HTML 3Page - STMicroelectronics STD2NM60 Datasheet HTML 4Page - STMicroelectronics STD2NM60 Datasheet HTML 5Page - STMicroelectronics STD2NM60 Datasheet HTML 6Page - STMicroelectronics STD2NM60 Datasheet HTML 7Page - STMicroelectronics STD2NM60 Datasheet HTML 8Page - STMicroelectronics STD2NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STD2NM60/STD2NM60-1
Normalized BVDSS vs. Temperature
Normalized On Resistance vs Temperature
Normalized Gate Thereshold Voltage vs Temp.
Capacitance Variations
Gate Charge vs Gate-source Voltage
Source-drain Diode Forward Characteristics


Similar Part No. - STD2NM60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD2NM60-1 VBSEMI-STD2NM60-1 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
STD2NM60T4 VBSEMI-STD2NM60T4 Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - STD2NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
   N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STSJ2NM60 STMICROELECTRONICS-STSJ2NM60 Datasheet
223Kb / 8P
   N-CHANNEL 600V - 2.8ohm - 2A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STD5NM50 STMICROELECTRONICS-STD5NM50 Datasheet
463Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh?줡ower MOSFET
STY60NM60 STMICROELECTRONICS-STY60NM60 Datasheet
288Kb / 8P
   N-CHANNEL 600V - 0.050ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
   N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
   N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STB5NK50Z STMICROELECTRONICS-STB5NK50Z Datasheet
618Kb / 14P
   N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com