Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2NC70Z-1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD2NC70Z-1
Description  N-CHANNEL 700V - 4.1ohm - 2.3A DPAK/IPAK Zener-Protected PowerMESH?줚II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NC70Z-1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD2NC70Z-1 Datasheet HTML 2Page - STMicroelectronics STD2NC70Z-1 Datasheet HTML 3Page - STMicroelectronics STD2NC70Z-1 Datasheet HTML 4Page - STMicroelectronics STD2NC70Z-1 Datasheet HTML 5Page - STMicroelectronics STD2NC70Z-1 Datasheet HTML 6Page - STMicroelectronics STD2NC70Z-1 Datasheet HTML 7Page - STMicroelectronics STD2NC70Z-1 Datasheet HTML 8Page - STMicroelectronics STD2NC70Z-1 Datasheet HTML 9Page - STMicroelectronics STD2NC70Z-1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
STD2NC70Z/STD2NC70Z-1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


Similar Part No. - STD2NC70Z-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40 STMICROELECTRONICS-STD2NC40 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 15P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
More results

Similar Description - STD2NC70Z-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP2NC70Z STMICROELECTRONICS-STP2NC70Z Datasheet
634Kb / 13P
   N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH?줚II MOSFET
STP3NC70Z STMICROELECTRONICS-STP3NC70Z Datasheet
324Kb / 10P
   N-CHANNEL 700V - 4.1ohm - 2.5A TO-220/TO-220FP Zener-Protected PowerMESH?줚II MOSFET
STW8NC80Z STMICROELECTRONICS-STW8NC80Z Datasheet
263Kb / 8P
   N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STU10NC70Z STMICROELECTRONICS-STU10NC70Z Datasheet
409Kb / 10P
   N-CHANNEL 700V - 0.58ohm - 9.4A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STW10NC70Z STMICROELECTRONICS-STW10NC70Z Datasheet
249Kb / 8P
   N-CHANNEL 700V - 0.58 ohm - 10.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW8NC70Z STMICROELECTRONICS-STW8NC70Z Datasheet
240Kb / 8P
   N-CHANNEL 700V - 1.1 ohm - 7A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW9NC70Z STMICROELECTRONICS-STW9NC70Z Datasheet
248Kb / 8P
   N-CHANNEL 700V - 0.90 ohm - 7.5A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
   N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP5NC70Z STMICROELECTRONICS-STP5NC70Z Datasheet
348Kb / 12P
   N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com