Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89C2051-12SC Datasheet(PDF) 14 Page - ATMEL Corporation

Part No. AT89C2051-12SC
Description  8-bit Microcontroller with 2K Bytes Flash
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89C2051-12SC Datasheet(HTML) 14 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AT89C2051
14
Packaging Information
1.060(26.9)
.980(24.9)
PIN
1
.280(7.11)
.240(6.10)
.090(2.29)
MAX
.005(.127)
MIN
.015(.381) MIN
.022(.559)
.014(.356)
.070(1.78)
.045(1.13)
.325(8.26)
.300(7.62)
0
15
REF
.430(10.92) MAX
.014(.356)
.008(.203)
.110(2.79)
.090(2.29)
.150(3.81)
.115(2.92)
SEATING
PLANE
.210(5.33)
MAX
.900(22.86) REF
0.299 (7.60)
0.291 (7.39)
0.020 (0.508)
0.013 (0.330)
0.420 (10.7)
0.393 (9.98)
PIN 1
.050 (1.27) BSC
0.513 (13.0)
0.497 (12.6)
0.012 (0.305)
0.003 (0.076)
0.105 (2.67)
0.092 (2.34)
0
8
REF
0.035 (0.889)
0.015 (0.381)
0.013 (0.330)
0.009 (0.229)
20P3, 20-lead, 0.300" Wide, Plastic Dual Inline
Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 AD
20S, 20-lead, 0.300" Wide, Plastic Gull WIng Small
Outline (SOIC)
Dimensions in Inches and (Millimeters)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn