Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89C2051-12SC Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT89C2051-12SC
Description  8-bit Microcontroller with 2K Bytes Flash
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89C2051-12SC Datasheet(HTML) 12 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AT89C2051
12
AT89C2051
TYPICAL ICC - ACTIVE (85°C)
0
5
10
15
20
0
6
12
18
24
FREQUENCY (MHz)
I
C
C
m
A
Vcc=6.0V
Vcc=5.0V
Vcc=3.0V
AT89C2051
TYPICAL ICC - IDLE (85°C)
0
1
2
3
036
9
12
FREQUENCY (MHz)
I
C
C
m
A
Vcc=6.0V
Vcc=5.0V
Vcc=3.0V
AT89C2051
TYPICAL ICC vs. VOLTAGE- POWER DOWN (85°C)
0
5
10
15
20
3.0V
4.0V
5.0V
6.0V
Vcc VOLTAGE
I
C
C
µ
A
Notes:
1. XTAL1 tied to GND for ICC (power-down)
2. P.1.0 and P1.1 = VCC or GND
3. Lock bits programmed


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn