Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89C2051-12SC Datasheet(PDF) 10 Page - ATMEL Corporation

Part No. AT89C2051-12SC
Description  8-bit Microcontroller with 2K Bytes Flash
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89C2051-12SC Datasheet(HTML) 10 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AT89C2051
10
External Clock Drive Waveforms
External Clock Drive
Symbol
Parameter
VCC = 2.7V to 6.0V
VCC = 4.0V to 6.0V
Units
Min
Max
Min
Max
1/t
CLCL
Oscillator Frequency
0
12
0
24
MHz
tCLCL
Clock Period
83.3
41.6
ns
t
CHCX
High Time
30
15
ns
t
CLCX
Low Time
30
15
ns
tCLCH
Rise Time
20
20
ns
t
CHCL
Fall Time
20
20
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn