Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT89C2051-12SC Datasheet(PDF) 9 Page - ATMEL Corporation

Part No. AT89C2051-12SC
Description  8-bit Microcontroller with 2K Bytes Flash
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT89C2051-12SC Datasheet(HTML) 9 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AT89C2051
9
Notes:
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum I
OL per port pin: 20 mA
Maximum total I
OL for all output pins: 80 mA
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Minimum V
CC for Power-down is 2V.
Absolute Maximum Ratings*
Operating Temperature ................................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage ............................................ 6.6V
DC Output Current...................................................... 25.0 mA
DC Characteristics
TA = -40°C to 85°C, VCC = 2.0V to 6.0V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Max
Units
VIL
Input Low-voltage
-0.5
0.2 VCC - 0.1
V
V
IH
Input High-voltage
(Except XTAL1, RST)
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH1
Input High-voltage
(XTAL1, RST)
0.7 V
CC
V
CC + 0.5
V
VOL
Output Low-voltage
(1)
(Ports 1, 3)
IOL = 20 mA, VCC = 5V
I
OL = 10 mA, VCC = 2.7V
0.5
V
VOH
Output High-voltage
(Ports 1, 3)
IOH = -80 µA, VCC = 5V ± 10%
2.4
V
I
OH = -30 µA
0.75 V
CC
V
I
OH = -12 µA
0.9 V
CC
V
IIL
Logical 0 Input Current
(Ports 1, 3)
VIN = 0.45V
-50
µA
I
TL
Logical 1 to 0 Transition Current
(Ports 1, 3)
V
IN = 2V, VCC = 5V ± 10%
-750
µA
I
LI
Input Leakage Current
(Port P1.0, P1.1)
0 < V
IN < VCC
±10
µA
VOS
Comparator Input Offset Voltage
VCC = 5V
20
mV
V
CM
Comparator Input Common
Mode Voltage
0V
CC
V
RRST
Reset Pull-down Resistor
50
300
K
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C10
pF
I
CC
Power Supply Current
Active Mode, 12 MHz, V
CC = 6V/3V
15/5.5
mA
Idle Mode, 12 MHz, VCC = 6V/3V
P1.0 & P1.1 = 0V or V
CC
5/1
mA
Power-down Mode
(2)
VCC = 6V P1.0 & P1.1 = 0V or VCC
100
µA
V
CC = 3V P1.0 & P1.1 = 0V or VCC
20
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn