Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF100J823 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # DSF100J823
Description  Polyester Capacitors Stacked Metallized Radial Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DSF100J823 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  DSF100J823 Datasheet HTML 1Page - Cornell Dubilier Electronics DSF100J823 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
050 = 50 Vdc
100 = 100 Vdc
Voltage
Code
Capacitance
Tolerance
J =
±5%
Nominal
Capacitance
(First two digits are significant
figures. Last digit is multiplier
to give cap in pF)
e.g. 223 = 22 X 103 pF = .022
µF
104 = 10 X 104 pF = .100
µF
155 = 15 X 105 pF = 1.50
µF
Dipped
Stacked
Film
Type
DSF
050
J
223
C
Bulk and Ammo
Packaging Options
Blank = Straight lead, Bulk
C = Crimped, Bulk
CA = Crimped Lead, Ammo Pack
TA = Straight Lead, Ammo Pack
Tape & Reel packaging available.
Contact us for detailed specs.
Type DSF Polyester Capacitors
Crimped Lead Ammo Pack Option (CA)
Straight Lead Ammo Pack Option (TA)
Crimp style depends on capacitor length.
Bulk Cut & Crimp Styles
L
10.0 mm
L >10.0 mm
PACKAGE QUANTITY FOR AMMO PACK
CRIMPED LEAD OPTION (CA) & (CR)
WVDC
Capacitance Range
Quantity
50
0.01 - 0.12
2000
0.15 - 2.2
1000
100
0.01 - 0.068
2000
0.082 - 0.1
1000
0.12 - 0.22
2000
0.27 - 0.47
1000
AMMO PACK TAPING SPECIFICATIONS
Dimensions
Dimensions
Tol.
for Crimped
for Straight
(mm)
Option (CA)
Lead Option (TA)
Lead Spacing (F)
5.0
5.0
+.8/-.2
Capacitor Pitch (P)
12.7
12.7
±.1
Feed Hole Pitch(Po)
12.7
12.7
±.2
Carrier Width (W)
18.0
18.0
±.5
Feed Hole Position
(W1)
9.0
9.0
±.5
Height of Seating
Plane(H1)
20.0
20.0
±.5
Lead Wire Clinch
Height (Ho)
16.0
---
±.5
Feed Hole
Diameter (Do)
4.0
4.0
±.2
Case Top to Feed
Hole (H2) Max.
20.5 + Hmax
20.5 + Hmax
Max.
PACKAGE QUANTITY FOR AMMO PACK
STRAIGHT LEAD OPTION (TA) & (TR)
WVDC
Capacitance Range
Quantity
50
0.01 - 0.12
2000
0.15 to 1.0
1000
100
0.01 - 0.068
2000
0.082 - 0.1
1000
WVDC
H3 max. (mm)
50
H+4.5
100
H+5.0
Ammo Pack Options
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - DSF100J823

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DSF100 XPPOWER-DSF100 Datasheet
326Kb / 2P
   Up to 28 A Output Current
More results

Similar Description - DSF100J823

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
   Metallized Polyester Radial Lead Capacitors
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
160224J63C-F CDE-160224J63C-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com