Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4CMC122M350BA8 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 4CMC122M350BA8
Description  Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

4CMC122M350BA8 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  4CMC122M350BA8 Datasheet HTML 1Page - Cornell Dubilier Electronics 4CMC122M350BA8 Datasheet HTML 2Page - Cornell Dubilier Electronics 4CMC122M350BA8 Datasheet HTML 3Page - Cornell Dubilier Electronics 4CMC122M350BA8 Datasheet HTML 4Page - Cornell Dubilier Electronics 4CMC122M350BA8 Datasheet HTML 5Page - Cornell Dubilier Electronics 4CMC122M350BA8 Datasheet HTML 6Page - Cornell Dubilier Electronics 4CMC122M350BA8 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 4CMC 85 °C, High-Cap, Radial Leaded, Aluminum Electrolytic
Ratings
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
16 Vdc (20 Vdc Surge)
200000
4CMC204M016AF8
10.3
8.2
16.9
19.0
1 3/8 X 5 3/4
33000 4CMC333M016AK8 34.2
27.2
5.7
6.4
1 3/8 X 1 3/4
220000
4CMC224M016EC8
13
10.3
15.2
17
1 3/4 X 4 1/4
55000 4CMC553M016AA8 21.2
16.9
8.4
9.4
1 3/8 X 2 1/4
240000
4CMC244M016BJ8
11.7
9.3
15.6
17.5
2 X 3 3/4
77000 4CMC773M016AH8 18.3
14.6
9.3
10.4
1 3/8 X 2 3/4
250000
4CMC254M016ED8
11.5
9.2
17
19
1 3/4 X 4 3/4
79000 4CMC793M016EA8 23.0
18.3
9.2
10.4
1 3/4 X 2 1/4
280000
4CMC284M016EE8
10.5
8.4
18.9
21.2
1 3/4 X 5 1/4
99000 4CMC993M016AB8 14.8
11.8
11.1
12.4
1 3/8 X 3 1/4
280000
4CMC284M016BC8
11.4
9.1
15.9
17.8
2 X 4 1/4
110000 4CMC114M016EH8 17.4
13.8
11.4
12.7
1 3/4 X 2 3/4
310000
4CMC314M016EF8
9.7
7.7
21.0
23.5
1 3/4 X 5 3/4
120000 4CMC124M016AJ8
12.8
10.2
12.5
14.0
1 3/8 X 3 3/4
330000
4CMC334M016BD8
10.7
8.5
16.9
19
2 X 4 3/4
120000 4CMC124M016BA8 17.7
14.1
10.0
11.2
2 X 2 1/4
370000
4CMC374M016BE8
10.0
8.0
18.1
20.3
2 X 5 1/4
140000 4CMC144M016AC8 12.5
9.9
13.3
15.0
1 3/8 X 4 1/4
420000
4CMC424M016BF8
9.0
7.2
19.8
22.2
2 X 5 3/4
140000 4CMC144M016EB8 15.8
12.6
12.9
14.4
1 3/4 X 3 1/4
25 Vdc (30 Vdc Surge)
150000 4CMC154M016BH8 14.5
11.6
11.9
13.3
2 X 2 3/4
22000
4CMC223M025AK8
63.2
50.4
4.2
4.7
1 3/8 X 1 3/4
160000 4CMC164M016AD8 11.5
9.1
14.5
16.2
1 3/8 X 4 3/4
37000
4CMC373M025AA8
23.9
19.1
7.9
8.8
1 3/8 X 2 1/4
180000 4CMC184M016AE8 10.8
8.6
15.8
17.7
1 3/8 X 5 1/4
52000
4CMC523M025AH8
20.6
16.4
8.8
9.8
1 3/8 X 2 3/4
180000 4CMC184M016EJ8
15.0
12.0
13.6
15.3
1 3/4 X 3 3/4
54000
4CMC543M025EA8
22.9
18.3
9.3
10.4
1 3/4 X 2 1/4
190000 4CMC194M016BB8 12.3
9.8
13.6
15.2
2 X 3 1/4
67000
4CMC673M025AB8
16.6
13.2
10.5
11.7
1 3/8 X 3 1/4
Case
Inches
Millimeters
Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38
AK
1.375
1.75
0.50
0.175
0.25
0.55
34.93
44.45
12.70
4.45
6.35
13.97
AA
1.375
2.25
0.50
0.175
0.25
0.55
34.93
57.15
12.70
4.45
6.35
13.97
AH
1.375
2.75
0.50
0.175
0.25
0.55
34.98
69.85
12.70
4.45
6.35
13.97
AB
1.375
3.25
0.50
0.175
0.25
0.55
34.93
82.55
12.70
4.45
6.35
13.97
AJ
1.375
3.75
0.50
0.175
0.25
0.55
34.93
95.25
12.70
4.45
6.35
13.97
AC
1.375
4.25
0.50
0.175
0.25
0.55
34.93 107.95 12.70
4.45
6.35
13.97
AD
1.375
4.75
0.50
0.175
0.25
0.55
34.93 120.65 12.70
4.45
6.35
13.97
AE
1.375
5.25
0.50
0.175
0.25
0.55
34.93 133.35 12.70
4.45
6.35
13.97
AF
1.375
5.75
0.50
0.175
0.25
0.55
34.93 146.05 12.70
4.45
6.35
13.97
EA
1.75
2.25
0.70
0.375
0.35
0.90
44.45
57.15
17.78
9.53
8.89
22.86
EH
1.75
2.75
0.70
0.375
0.35
0.90
44.45
69.85
17.78
9.53
8.89
22.86
EB
1.75
3.25
0.70
0.375
0.35
0.90
44.45
82.55
17.78
9.53
8.89
22.86
EJ
1.75
3.75
0.70
0.375
0.35
0.90
44.45
95.25
17.78
9.53
8.89
22.86
EC
1.75
4.25
0.70
0.375
0.35
0.90
44.45 107.95 17.78
9.53
8.89
22.86
ED
1.75
4.75
0.70
0.375
0.35
0.90
44.45 120.65 17.78
9.53
8.89
22.86
EE
1.75
5.25
0.70
0.375
0.35
0.90
44.45 133.35 17.78
9.53
8.89
22.86
EF
1.75
5.75
0.70
0.375
0.35
0.90
44.45 146.05 17.78
9.53
8.89
22.86
BA
2.00
2.25
0.80
0.425
0.40
1.00
50.80
57.15
20.32
10.80
10.16
25.40
BH
2.00
2.75
0.80
0.425
0.40
1.00
50.80
69.85
20.32
10.80
10.16
25.40
BB
2.00
3.25
0.80
0.425
0.40
1.00
50.80
82.55
20.32
10.80
10.16
25.40
BJ
2.00
3.75
0.80
0.425
0.40
1.00
50.80
95.25
20.32
10.80
10.16
25.40
BC
2.00
4.25
0.80
0.425
0.40
1.00
50.80 107.95 20.32
10.80
10.16
25.40
BD
2.00
4.75
0.80
0.425
0.40
1.00
50.80 120.65 20.32
10.80
10.16
25.40
BE
2.00
5.25
0.80
0.425
0.40
1.00
50.80 133.25 20.32
10.80
10.16
25.40
BF
2.00
5.75
0.80
0.425
0.40
1.00
50.80 146.05 20.32
10.80
10.16
25.40
Typical Performance Curves


Similar Part No. - 4CMC122M350BA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4CMC122M350BA8 ETC2-4CMC122M350BA8 Datasheet
484Kb / 7P
   High-Cap, Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
4CMC122M350BA8 CDE-4CMC122M350BA8 Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
More results

Similar Description - 4CMC122M350BA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4CMC333M016AK8 ETC2-4CMC333M016AK8 Datasheet
484Kb / 7P
   High-Cap, Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com