Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPM2W3P3K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DPM2W3P3K-F
Description  Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DPM2W3P3K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DPM2W3P3K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DPM2W3P3K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type DPM Polypropylene Film Capacitors
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740 • Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Metallized, Radial Leads
Specifications
Great for High Frequency
Switching Power Supplies
Voltage Range: 250 to 630 Vdc (160 to 250 Vac, 60 Hz)
Capacitance Range: .01 to 6.8 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: –55°C to 105°C*
*Full-rated voltage at 85°C–Derate linearly to 50%-rated voltage at 105°C
Dielectric Strength: 175% (1 minute)
Dissipation Factor: .10% Max. (25 °C, 1 kHz)
Insulation Resistance: 10,000 Mx µF
30,000 MMin.
Life Test: 1,000 hours at 85 °C at 125% rated voltage
Ratings
RoHS Compliant
Type DPM radial-leaded, metallized polypropylene
capacitors boast non-inductive windings with
welded lead terminations which handle high
continuous currents. The low ESR and low ESL are
a glove fit for high frequency and switching power
supply applications.
L
S
H
T
d
.79”
(20mm)
MIN.
(3.0mm)
MAX.
NOTE:
Other capacitance values, sizes and performance
specifications are available. Contact us.
Cap.
Catalog
T Max.
H Max.
L Max.
S ±.06 (±1.5)
d
dV/dt
(µF)
Part Number
Inches(mm)
Inches(mm)
Inches(mm)
Inches(mm)
Inches(mm)
V/μs
250 Vdc (160 Vac)
.010
DPM2S1K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
34
.015
DPM2S15K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
34
.022
DPM2S22K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
34
.033
DPM2S33K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
34
.047
DPM2S47K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
34
.068
DPM2S68K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
34
.10
DPM2P1K-F
0.315(8.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
34
.15
DPM2P15K-F
0.315(8.0)
0.512(13.0)
0.709(18.0)
0.591(15.0)
0.032(0.8)
23
.22
DPM2P22K-F
0.315(8.0)
0.512(13.0)
0.709(18.0)
0.591(15.0)
0.032(0.8)
23
.33
DPM2P33K-F
0.354(9.0)
0.591(15.0)
0.709(18.0)
0.591(15.0)
0.032(0.8)
23
.47
DPM2P47K-F
0.394(10.0)
0.630(16.0)
1.024(26.0)
0.886(22.5)
0.032(0.8)
19
.68
DPM2P68K-F
0.394(10.0)
0.630(16.0)
1.024(26.0)
0.886(22.5)
0.032(0.8)
19


Similar Part No. - DPM2W3P3K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPM2W3P3K-F CDE-DPM2W3P3K-F Datasheet
264Kb / 3P
   Great for High Frequency Switching Power Supplies
More results

Similar Description - DPM2W3P3K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPM CDE-DPM Datasheet
264Kb / 3P
   Great for High Frequency Switching Power Supplies
932 CDE-932 Datasheet
254Kb / 2P
   Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
DPPM10D1K-F CDE-DPPM10D1K-F Datasheet
303Kb / 2P
   Polypropylene Film Capacitors Great for Compact Snubber Applications
logo
Illinois Capacitor, Inc...
472PPA302KG ILLINOISCAPACITOR-472PPA302KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
104PHB850K2H ILLINOISCAPACITOR-104PHB850K2H_13 Datasheet
595Kb / 6P
   Switching polypropylene film capacitors
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Illinois Capacitor, Inc...
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
102PPB202K ILLINOISCAPACITOR-102PPB202K Datasheet
391Kb / 4P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com