Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF12-A54-9 Datasheet(PDF) 3 Page - Meder Electronic

Part # HF12-A54-9
Description  High Frequency and High Power Reed Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

HF12-A54-9 Datasheet(HTML) 3 Page - Meder Electronic

  HF12-A54-9 Datasheet HTML 1Page - Meder Electronic HF12-A54-9 Datasheet HTML 2Page - Meder Electronic HF12-A54-9 Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MEDER electronic
299
www.meder.com
Europe # ++49-(0)7733-94870, USA # 800-870-5385
RELAY DATA
High Frequency and
High Power Reed Relays
HF Series
All Data at 20° C
Switch Model -->
Contact Form -->
Switch 54
Form A / B
Contact Ratings
Conditions
Min.
Typ. Max. Unit
Switching Power
Any DC combination of V & A not
to exceed their individual max.‘s
25
W
Switching Voltage
1 MHz to 30 MHz
500
V
Switching Current
1 MHz to 30 MHz
1.5
A
Carry Current
1 MHz to 30 MHz
5.0
A
Static Contact Resistance
w/ 0.5 V & 10mA
150
Dynamic Contact Resistance
Measured w/ 0.5V & 50mA 1.5
ms after closure
200
Insulation Resistance across
Contacts
Across contacts
Contact to coil
Coil to shield
1010
1010
1010
Ω
Breakdown Voltage across
Contact
Across contacts
Contact to coil
Coil to shield
*
10
0.5
kVDC
Operation Time incl. Bounce
Measured w/ 100 % overdrive
3.0
ms
Release Time
Measured w/ no coil suppression
1.0
ms
Capacitance
Across contacts
Contact to coil
Coil to shield
2.5
10
20
pF
Life Expectancies
Switching 5 V - 10 mA
DC only & <10 pF stray cap.
50
106
Cycles
For other load requirements please see our life test section on P. 152.
Environmental Data
Shock Resistance
1/2 sinus wave duration 11 ms
50
g
Vibration Resistance
From 10 - 2000 Hz
20
g
Ambient Temperature
10°C/ minute max. allowable
-40
85
o
C
Stock Temperature
10°C/ minute max. allowable
-40v
105
o
C
Soldering Temperature
5 sec.
260
o
C


Similar Part No. - HF12-A54-9

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HF12-1A54-8 MEDER-HF12-1A54-8 Datasheet
91Kb / 1P
   HF Reed Relay
HF12-1A54-8_DE MEDER-HF12-1A54-8_DE Datasheet
92Kb / 1P
   (deutsch) HF Reed Relay
More results

Similar Description - HF12-A54-9

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
LP12-1A66-80V MEDER-LP12-1A66-80V Datasheet
471Kb / 3P
   Miniature Reed Relays for High Frequency Switching
logo
Coto Technology
7000-05-1000 COTO-7000-05-1000 Datasheet
277Kb / 4P
   High Reliability Reed Relays
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
   high voltage reed relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
   High Voltage Reed Relays
logo
Coto Technology
9094 COTO-9094 Datasheet
543Kb / 2P
   9094 HIGH POWER MINIATURE SIP REED RELAYS
logo
DB Lectro Inc
95D-1A14N4 DBLECTRO-95D-1A14N4 Datasheet
1,008Kb / 2P
   HIGH INSULATION RESISTANCE REED RELAYS
logo
PIC GmbH
HSR-V100RF PIC-HSR-V100RF Datasheet
26Kb / 1P
   High Frequency Reed Switch
logo
Meder Electronic
CRF MEDER-CRF Datasheet
641Kb / 5P
   7GHz High Frequency Reed
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
   5500 SERIES/HIGH VOLTAGE REED RELAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com