Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400C152M300BA8 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 400C152M300BA8
Description  Long-Life, C Radial Leaded, Aluminum Electrolytic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

400C152M300BA8 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  400C152M300BA8 Datasheet HTML 1Page - Cornell Dubilier Electronics 400C152M300BA8 Datasheet HTML 2Page - Cornell Dubilier Electronics 400C152M300BA8 Datasheet HTML 3Page - Cornell Dubilier Electronics 400C152M300BA8 Datasheet HTML 4Page - Cornell Dubilier Electronics 400C152M300BA8 Datasheet HTML 5Page - Cornell Dubilier Electronics 400C152M300BA8 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type 400C 95 °C, Long-Life, C Radial Leaded, Aluminum Electrolytic
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Ratings
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
(µF)
Number
(µΩ)
(µΩ)
(A)
(A)
(in)
(µF)
Number
(µΩ)
(µΩ)
(A)
(A)
(in)
100 Vdc (125 Vdc Surge)
10000 400C103M160BC8 16.00 12.20
15.70
18.00
2 X 4 1/4
2600 400C262M100AK8 74.00 50.20
3.60
4.50
1 3/8 X 1 3/4
12000 400C123M160EF8 13.40
9.90
19.30
22.50
1 3/4 X 5 3/4
3800 400C382M100AA8 49.70 33.70
5.00
6.20
1 3/8 X 2 1/4
12000 400C123M160BD8 14.20 10.80
17.20
19.60
2 X 4 3/4
5000 400C503M100AH8 36.30 24.60
6.00
7.50
1 3/8 X 2 3/4
14000 400C143M160BE8 12.50
9.70
18.90
21.40
2 X 5 1/4
5700 400C572M100EA8 39.70 26.90
6.40
8.00
1 3/4 X 2 1/4
15000 400C153M160BF8 11.60
9.10
20.40
23.00
2 X 5 3/4
6800 400C682M100AB8 28.10 19.10
7.40
9.20
1 3/8 X 3 1/4
200 Vdc (250 Vdc Surge)
7200 400C722M100BA8 36.70 24.90
7.20
9.00
2 X 2 1/4
920
400C921M200AK8 126.00 71.30
3.40
4.50
1 3/8 X 1 3/4
7800 400C782M100EH8 28.40 19.30
8.10
10.20
1 3/4 X 2 3/4
1400 400C142M200AA8 84.50 48.20
4.70
6.30
1 3/8 X 2 1/4
8300 400C832M100AJ8 23.20 15.70
8.50
10.60
1 3/8 X 3 3/4
2000 400C202M200EA8 61.70 39.30
6.10
7.60
1 3/4 X 2 1/4
9700 400C972M100BH8 26.00 17.70
9.20
11.50
2 X 2 3/4
2000 400C202M200AH8 59.30 34.20
5.80
7.70
1 3/8 X 2 3/4
9900 400C992M100AC8 19.80 13.50
9.70
12.10
1 3/8 X 4 1/4
2600 400C262M200AB8 46.10 26.80
7.10
9.30
1 3/8 X 3 1/4
10000 400C103M100EB8 22.00 14.90
10.00
12.50
1 3/4 X 3 1/4
2600 400C262M200BA8 51.80 35.90
6.80
8.20
2 X 2 1/4
12000 400C123M100AD8 17.50
11.80
10.80
13.50
1 3/8 X 4 3/4
2800 400C282M200EH8 44.10 27.90
7.70
9.70
1 3/4 X 2 3/4
13000 400C133M100AE8 15.70 10.70
11.90
14.90
1 3/8 X 5 1/4
3200 400C322M200AJ8 38.00 22.40
8.20
10.70
1 3/8 X 3 3/4
13000 400C133M100EJ8 18.10 12.30
11.40
14.20
1 3/4 X 3 3/4
3500 400C352M200BH8 36.70 25.10
8.70
10.50
2 X 2 3/4
13000 400C133M100BB8 20.20 13.70
11.00
13.70
2 X 3 1/4
3700 400C372M200EB8 34.20 21.80
9.50
11.90
1 3/4 X 3 1/4
15000 400C153M100EC8 15.50 10.50
12.70
15.90
1 3/4 X 4 1/4
3800 400C382M200AC8 32.50 19.50
9.40
12.10
1 3/8 X 4 1/4
15000 400C153M100AF8 17.90 12.20
11.70
14.70
1 3/8 X 5 3/4
4200 400C422M200AD8 29.80 17.80
10.20
13.20
1 3/8 X 4 3/4
16000 400C163M100BJ8 16.60
11.30
13.60
17.00
2 X 3 3/4
4500 400C452M200EJ8 28.10 18.10
10.80
13.50
1 3/4 X 3 3/4
17000 400C173M100ED8 13.60
9.20
14.30
17.90
1 3/4 X 4 3/4
4700 400C472M200BB8 28.50 19.60
10.40
12.50
2 X 3 1/4
19000 400C193M100BC8 14.20
9.70
14.70
18.40
2 X 4 1/4
4800 400C482M200AE8 26.80 16.30
11.30
14.50
1 3/8 X 5 1/4
20000 400C203M100EE8 12.20
8.30
16.00
20.00
1 3/4 X 5 1/4
5300 400C532M200AF8 24.50 15.10
12.40
15.80
1 3/8 X 5 3/4
22000 400C223M100EF8 11.10
7.60
17.90
22.40
1 3/4 X 5 3/4
5400 400C542M200EC8 24.10 15.60
12.10
15.00
1 3/4 X 4 1/4
22000 400C223M100BD8 12.60
8.50
16.20
20.20
2 X 4 3/4
5700 400C572M200BJ8 23.50 16.30
12.80
15.40
2 X 3 3/4
26000 400C263M100BE8 11.00
7.50
17.90
22.40
2 X 5 1/4
6300 400C632M200ED8 21.20 13.90
13.60
16.80
1 3/4 X 4 3/4
29000 400C293M100BF8 10.10
6.90
19.40
24.20
2 X 5 3/4
6800 400C682M200BC8 20.10 14.10
14.00
16.70
2 X 4 1/4
160 Vdc (200 Vdc Surge)
7100 400C712M200EE8 19.00 12.60
15.20
18.60
1 3/4 X 5 1/4
1400 400C142M160AK8 88.20 53.90
4.10
5.20
1 3/8 X 1 3/4
7800 400C782M200BD8 17.80 12.50
15.30
18.30
2 X 4 3/4
2000 400C202M160AA8 59.50 36.60
5.70
7.20
1 3/8 X 2 1/4
8000 400C802M200EF8 17.40
11.70
17.00
20.70
1 3/4 X 5 3/4
3000 400C302M160EA8 46.30 32.20
7.10
8.50
1 3/4 X 2 1/4
9300 400C932M200BE8 15.60
11.20
16.90
20.00
2 X 5 1/4
3000 400C302M160AH8 42.00 26.10
7.00
8.80
1 3/8 X 2 3/4
10000 400C103M200BF8 14.30 10.40
18.30
21.50
2 X 5 3/4
3800 400C382M160AB8 32.80 20.70
8.50
10.60
1 3/8 X 3 1/4
250 Vdc (300 Vdc Surge)
3800 400C382M160BA8 40.80 30.80
7.70
8.80
2 X 2 1/4
670
400C671M250AK8 160.00 87.20
3.00
4.10
1 3/8 X 1 3/4
4100 400C412M160EH8 32.90 22.70
8.90
10.80
1 3/4 X 2 3/4
1000 400C102M250AH8 75.10 41.50
5.20
7.00
1 3/8 X 2 3/4
4700 400C472M160AJ8 27.20 17.40
9.70
12.20
1 3/8 X 3 3/4
1000 400C102M250AA8 107.00 58.80
4.20
5.70
1 3/8 X 2 1/4
5100 400C512M160BH8 28.70 21.40
9.80
11.40
2 X 2 3/4
1500 400C152M250EA8 75.70 45.90
5.50
7.10
1 3/4 X 2 1/4
5400 400C542M160EB8 25.60 17.80
10.90
13.10
1 3/4 X 3 1/4
1900 400C192M250AB8 58.20 32.50
6.30
8.50
1 3/8 X 3 1/4
5500 400C552M160AC8 23.50 15.30
11.00
13.70
1 3/8 X 4 1/4
1900 400C192M250BA8 61.90 40.50
6.20
7.70
2 X 2 1/4
6100 400C612M160AD8 21.50 14.00
12.00
14.90
1 3/8 X 4 3/4
2000 400C202M250EH8 54.30 32.60
7.00
9.00
1 3/4 X 2 3/4
6700 400C672M160EJ8 21.20 14.90
12.40
14.80
1 3/4 X 3 3/4
2300 400C232M250AJ8 47.80 26.90
7.30
9.80
1 3/8 X 3 3/4
6800 400C682M160BB8 22.40 16.80
11.70
13.60
2 X 3 1/4
2500 400C252M250BH8 44.10 28.50
7.90
9.90
2 X 2 3/4
7000 400C702M160AE8 19.50 12.90
13.30
16.30
1 3/8 X 5 1/4
2700 400C272M250EB8 42.00 25.40
8.50
11.00
1 3/4 X 3 1/4
7700 400C772M160AF8 18.00 12.10
14.50
17.70
1 3/8 X 5 3/4
2700 400C272M250AC8 40.80 23.30
8.40
11.10
1 3/8 X 4 1/4
8000 400C802M160EC8 18.20 12.90
13.90
16.50
1 3/4 X 4 1/4
3000 400C302M250AD8 37.30 21.30
9.20
12.10
1 3/8 X 4 3/4
8500 400C852M160BJ8 18.50 14.00
14.50
16.60
2 X 3 3/4
3300 400C332M250EJ8 34.50 21.00
9.70
12.50
1 3/4 X 3 3/4
9200 400C922M160ED8 16.20
11.60
15.50
18.40
1 3/4 X 4 3/4
3400 400C342M250BB8 34.10 22.20
9.50
11.80
2 X 3 1/4
10000 400C103M160EE8 14.60 10.60
17.30
20.40
1 3/4 X 5 1/4
3500 400C352M250AE8 33.40 19.30
10.10
13.30
1 3/8 X 5 1/4


Similar Part No. - 400C152M300BA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400C152M300BA8 ETC2-400C152M300BA8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
400C152M300BA8 CDE-400C152M300BA8 Datasheet
143Kb / 6P
   Very Long Life Board-Mount Type
More results

Similar Description - 400C152M300BA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
logo
Vishay Siliconix
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
logo
Cornell Dubilier Electr...
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com