Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLP103M010A1P3 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part No. SLP103M010A1P3
Description  105 ºC Aluminum Electrolytic Snap-In Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo 

SLP103M010A1P3 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLP 105 ºC Aluminum Electrolytic Snap-In Capacitors
Specifications
Capacitor stored @ no voltage for 1 kh @ 105 ºC
Δ Capacitance ±20% or initial value
DF ≤200% of specified value
Leakage current = initial value
There shall be no leakage of electrolyte
2 h applied in 3 mutually perpendicular directions:
Vibration frequency range: 10 Hz to 55 Hz for one
minute. Peak to peak amplitude: 1.5 mm
Shelf Life:
Vibration:
Outline Drawings
Part Numbering System
SLP
332
M
025
A1
P
3
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Polarity
Sleeve
SLP
821 = 820 µF
M = ±20%
025 = 25 Vdc
P = Polarized
3 = PVC
332 = 3300 µF
250 = 250 Vdc
103 = 10,000 µF
Diameter
Length
mm
(in)
mm
(in)
25
30
35
40
45
50
(1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22
(0.87)
A1
A3
A5
A7
A4
A9
25
(1.00)
C1
C3
C5
C7
C4
C9
30
(1.18)
E1
E3
E5
E7
E4
E9
35
(1.38)
H1
H3
H5
H7
H4
H9
0.8
+0.2
-0.1
D + 1.0
Max.
L
± 2.0
6.3 ± 1.0
Polarity
Bar
Vinyl
Sleeve
6.3 ± 1.0
3.5
PC Board
Hole Dimensions
2.0 0.01 Dia.
±
10.0 0.1
±
Insulation Disk
0.8 +0.2/-0.1
1.5 +0.2/-0.1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn