Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DME2S27K-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # DME2S27K-F
Description  Polyester Film Capacitors Metallized Radial Leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DME2S27K-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  DME2S27K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DME2S27K-F Datasheet HTML 2Page - Cornell Dubilier Electronics DME2S27K-F Datasheet HTML 3Page - Cornell Dubilier Electronics DME2S27K-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type DME Polyester Film Capacitors
Cap.
Catalog
T Max.
H Max.
L Max.
S ±.04 (±1.0)
d
dV/dt
(µF) Part Number
Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm) V/μs
2.200 DME6W2P2K-F 0.787
(20.0)
1.142 (29.0) 1.220 (31.0) 1.083 (27.5) 0.032 (0.8) 15
1000 Vdc (250 Vac)
0.010 DME10S1K-F
0.236
(6.0)
0.433
(11.0)
0.610 (15.5) 0.492 (12.5) 0.024 (0.6) 93
0.012 DME10S12K-F 0.236
(6.0)
0.472 (12.0) 0.610 (15.5) 0.492 (12.5) 0.024 (0.6) 93
0.015 DME10S15K-F 0.276
(7.0)
0.492 (12.5) 0.610 (15.5) 0.492 (12.5) 0.024 (0.6) 93
0.018 DME10S18K-F 0.295
(7.5)
0.512 (13.0) 0.610 (15.5) 0.492 (12.5) 0.032 (0.8) 93
0.022 DME10S22K-F 0.295
(7.5)
0.610 (15.5) 0.610 (15.5) 0.492 (12.5) 0.032 (0.8) 93
0.027 DME10S27K-F 0.236
(6.0)
0.512 (13.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104
0.033 DME10S33K-F 0.256
(6.5)
0.551 (14.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104
0.039 DME10S39K-F 0.276
(7.0)
0.571 (14.5) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104
0.047 DME10S47K-F 0.295
(7.5)
0.610 (15.5) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104
0.056 DME10S56K-F 0.295
(7.5)
0.669 (17.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104
0.068 DME10S68K-F 0.335
(8.5)
0.709 (18.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104
0.082 DME10S82K-F 0.354
(9.0)
0.728 (18.5) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104
0.100 DME10P1K-F
0.394
(10.0)
0.787 (20.0) 0.827 (21.0) 0.689 (17.5) 0.032 (0.8) 104
0.120 DME10P12K-F 0.354
(9.0)
0.728 (18.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8) 70
0.150 DME10P15K-F 0.394
(10.0)
0.787 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8) 70
0.180 DME10P18K-F 0.413
(10.5)
0.866 (22.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8) 70
0.220 DME10P22K-F 0.472
(12.0)
0.906 (23.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8) 70
RoHS
Compliant


Similar Part No. - DME2S27K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DME2S27K-F CDE-DME2S27K-F Datasheet
493Kb / 4P
   Type DME Polyester Film Capacitors
More results

Similar Description - DME2S27K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DSF050J103 CDE-DSF050J103 Datasheet
119Kb / 2P
   Polyester Capacitors Stacked Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Vishay Siliconix
BTM510 VISHAY-BTM510 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Vishay Siliconix
BFC237261223 VISHAY-BFC237261223 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com