Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2NB60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD2NB60
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NB60 Datasheet(HTML) 8 Page - STMicroelectronics

  STD2NB60 Datasheet HTML 1Page - STMicroelectronics STD2NB60 Datasheet HTML 2Page - STMicroelectronics STD2NB60 Datasheet HTML 3Page - STMicroelectronics STD2NB60 Datasheet HTML 4Page - STMicroelectronics STD2NB60 Datasheet HTML 5Page - STMicroelectronics STD2NB60 Datasheet HTML 6Page - STMicroelectronics STD2NB60 Datasheet HTML 7Page - STMicroelectronics STD2NB60 Datasheet HTML 8Page - STMicroelectronics STD2NB60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.9
0.025
0.035
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
9.35
10.1
0.368
0.397
L2
0.8
0.031
L4
0.6
1
0.023
0.039
D
L2
L4
H
DETAIL "A"
DETAIL "A"
TO-252 (DPAK) MECHANICAL DATA
0068772-B
STD2NB60
8/9


Similar Part No. - STD2NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
228Kb / 11P
   N-CHANNEL 600V - 3.3OHM - 2.6A DPAK/IPAK PowerMESHTM MOSFET
STD2NB60-1 STMICROELECTRONICS-STD2NB60-1 Datasheet
228Kb / 11P
   N-CHANNEL 600V - 3.3OHM - 2.6A DPAK/IPAK PowerMESHTM MOSFET
STD2NB60T4 STMICROELECTRONICS-STD2NB60T4 Datasheet
228Kb / 11P
   N-CHANNEL 600V - 3.3OHM - 2.6A DPAK/IPAK PowerMESHTM MOSFET
logo
VBsemi Electronics Co.,...
STD2NB60T4 VBSEMI-STD2NB60T4 Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - STD2NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
   N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
June 1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com