Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVE476M63G24T-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AVE476M63G24T-F
Description  –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVE476M63G24T-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AVE476M63G24T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVE476M63G24T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVE476M63G24T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVE476M63G24T-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type AVE –40 °C to 85 °C General Purpose SMT Capacitors
Aluminum Electrolytic Capacitors for Filtering and Bypass
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Ratings
Max.
Catalog
Max. DCL
Max. DF
Max. E.S.R. Ripple Current Case
Size
Qty.
Cap
Part Number
2 min. @120Hz/20ºC @120Hz/20ºC @120Hz/85ºC Code D x L
Per Reel
(µF)
(µA)
(%)
(Ω)
(mA)
(mm)
(Each)
16 Vdc ( 20 Vdc Surge )
10
AVE106M16A12T-F
3.0
0.2
33.16
14
A
3x5.3
2000
10
AVE106M16B12T-F
3.0
0.2
33.16
26
B
4x5.3
2000
22
AVE226M16C12T-F
3.5
0.2
15.07
44
C
5x5.3
1000
33
AVE336M16D16T-F
5.3
0.2
10.05
63
D
6.3x5.3
1000
47
AVE476M16D16T-F
7.5
0.2
7.05
75
D
6.3x5.3
1000
68
AVE686M16D16T-F
10.9
0.2
4.88
103
D
6.3x5.3
1000
100
AVE107M16X16T-F
16.0
0.2
3.32
108
X
6.3x7.7
1000
100
AVE107M16E16T-F
16.0
0.2
3.32
155
E
8x6.5
1000
220
AVE227M16X16T-F
35.2
0.2
1.51
124
X
6.3x7.7
1000
220
AVE227M16F24T-F
35.2
0.2
1.51
252
F
8x10
500
330
AVE337M16F24T-F
52.8
0.2
1.00
252
F
8x10
500
470
AVE477M16G24T-F
75.2
0.2
0.71
458
G
10x10
500
25 Vdc ( 31 Vdc Surge )
4.7
AVE475M25B12T-F
3.0
0.14
49.38
19
B
4x5.3
2000
10
AVE106M25C12T-F
3.0
0.14
23.21
32
C
5x5.3
1000
22
AVE226M25D16T-F
5.5
0.14
10.55
55
D
6.3x5.3
1000
33
AVE336M25D16T-F
8.3
0.14
7.03
67
D
6.3x5.3
1000
47
AVE476M25X16T-F
11.8
0.14
4.94
98
X
6.3x7.7
1000
47
AVE476M25E16T-F
11.8
0.14
4.94
155
E
8x6.5
1000
68
AVE686M25X16T-F
17.0
0.14
3.41
109
X
6.3x7.7
1000
68
AVE686M25E16T-F
17.0
0.14
3.41
155
E
8x6.5
1000
100
AVE107M25X16T-F
25.0
0.14
2.32
124
X
6.3x7.7
1000
100
AVE107M25E16T-F
25.0
0.14
2.32
155
E
8x6.5
1000
220
AVE227M25F24T-F
55.0
0.14
1.06
252
F
8x10
500
330
AVE337M25G24T-F
82.5
0.14
0.70
458
G
10x10
500
35 Vdc ( 44 Vdc Surge )
3.3
AVE335M35A12T-F
3.0
0.12
60.28
8
A
3x5.3
2000
4.7
AVE475M35B12T-F
3.0
0.12
42.33
20
B
4x5.3
2000
10
AVE106M35C12T-F
3.5
0.12
19.89
34
C
5x5.3
1000
22
AVE226M35D16T-F
7.7
0.12
9.04
59
D
6.3x5.3
1000
33
AVE336M35X16T-F
11.6
0.12
6.03
85
X
6.3x7.7
1000
33
AVE336M35E16T-F
11.6
0.12
6.03
155
E
8x6.5
1000
47
AVE476M35X16T-F
16.5
0.12
4.23
98
X
6.3x7.7
1000
47
AVE476M35E16T-F
16.5
0.12
4.23
155
E
8x6.5
1000
68
AVE686M35X16T-F
23.8
0.12
2.93
109
X
6.3x7.7
1000
68
AVE686M35E16T-F
23.8
0.12
2.93
155
E
8x6.5
1000
100
AVE107M35F24T-F
35.0
0.12
1.99
252
F
8x10
500
220
AVE227M35G24T-F
77.0
0.12
0.90
458
G
10x10
500


Similar Part No. - AVE476M63G24T-F

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AVE450 ADVANCEDENERGY-AVE450 Datasheet
391Kb / 5P
   50 Volts; 450/500 Watts
logo
Artesyn Technologies
AVE450B-48S28-6L ARTESYN-AVE450B-48S28-6L Datasheet
602Kb / 3P
   Total Power: 450 Watts
AVE450B-48S28-6L/M ARTESYN-AVE450B-48S28-6L/M Datasheet
602Kb / 3P
   Total Power: 450 Watts
AVE450B-48S28P-6L ARTESYN-AVE450B-48S28P-6L Datasheet
602Kb / 3P
   Total Power: 450 Watts
More results

Similar Description - AVE476M63G24T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS226M04A12T CDE-AVS226M04A12T Datasheet
303Kb / 5P
   SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
logo
Vishay Siliconix
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com