Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV331 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZV331
Description  SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV331 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
11
Mar 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
11
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 23. Basic Comparator
Figure 24. Driving CMOS/TTL
Figure 25. One Shot Multivibrator
75pF
100K
V
CC
4.3K
V
O
100K
100K
-
+
V
IN
AZV331
Figure 26. Squarewave Oscillator
+V
IN
+V
REF
AZV331
V
CC
3K
V
O
+
-
100K
+5.0V
+
-
1/4 MM54CXX
AZV331
1M
IN914
IN914
1M
1M
V
CC
V
O
10K
-
+
+V
IN
100pF
0.001
µF
AZV331
Typical Application


Similar Part No. - AZV331

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331KSTR-E1 BCDSEMI-AZV331KSTR-E1 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV331KSTR-E1 DIODES-AZV331KSTR-E1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331KSTR-G1 BCDSEMI-AZV331KSTR-G1 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV331KSTR-G1 DIODES-AZV331KSTR-G1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Similar Description - AZV331

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
logo
Diodes Incorporated
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com