Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500C194U010EC2B Datasheet(PDF) 9 Page - Cornell Dubilier Electronics

Part # 500C194U010EC2B
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C194U010EC2B Datasheet(HTML) 9 Page - Cornell Dubilier Electronics

Back Button 500C194U010EC2B Datasheet HTML 4Page - Cornell Dubilier Electronics 500C194U010EC2B Datasheet HTML 5Page - Cornell Dubilier Electronics 500C194U010EC2B Datasheet HTML 6Page - Cornell Dubilier Electronics 500C194U010EC2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C194U010EC2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C194U010EC2B Datasheet HTML 9Page - Cornell Dubilier Electronics 500C194U010EC2B Datasheet HTML 10Page - Cornell Dubilier Electronics 500C194U010EC2B Datasheet HTML 11Page - Cornell Dubilier Electronics 500C194U010EC2B Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
3300
500C332T160AC2B
42.9
7.00
1 3/8 x 4 1/8
2100
500C212T200AC2B
51.7
6.30
1 3/8 x 4 1/8
3500
500C352T160BH2B
46.5
7.10
2 x 2 5/8
2200
500C222T200BH2B
61.0
6.20
2 x 2 5/8
3800
500C382T160EB2B
38.0
7.70
1 3/4 x 3 1/8
2400
500C242T200EB2B
48.4
6.90
1 3/4 x 3 1/8
3900
500C392T160AD2B
37.7
7.70
1 3/8 x 4 5/8
2500
500C252T200AD2B
43.2
7.20
1 3/8 x 4 5/8
4500
500C452T160AE2B
34.7
8.40
1 3/8 x 5 1/8
2900
500C292T200AE2B
37.8
8.00
1 3/8 x 5 1/8
4900
500C492T160EJ2B
29.9
9.20
1 3/4 x 3 5/8
3100
500C312T200EJ2B
37.9
8.20
1 3/4 x 3 5/8
4900
500C492T160BB2B
33.5
8.90
2 x 3 1/8
3100
500C312T200BB2B
46.1
7.60
2 x 3 1/8
5100
500C512T160AF2B
32.2
9.00
1 3/8 x 5 5/8
3300
500C332T200AF2B
33.4
8.90
1 3/8 x 5 5/8
5500
500C552T160CH2B
30.1
10.20
2 1/2 x 2 5/8
3500
500C352T200CH2B
42.2
8.60
2 1/2 x 2 5/8
6000
500C602T160EC2B
24.8
10.60
1 3/4 x 4 1/8
3800
500C382T200EC2B
31.3
9.40
1 3/4 x 4 1/8
6300
500C632T160BJ2B
26.4
10.60
2 x 3 5/8
4000
500C402T200BJ2B
36.2
9.00
2 x 3 5/8
7100
500C712T160ED2B
21.2
11.90
1 3/4 x 4 5/8
4500
500C452T200ED2B
26.8
10.60
1 3/4 x 4 5/8
7700
500C772T160BC2B
21.9
12.20
2 x 4 1/8
4900
500C492T200BC2B
28.5
10.60
2 x 4 1/8
7700
500C772T160CB2B
21.3
12.80
2 1/2 x 3 1/8
4900
500C492T200CB2B
31.2
10.60
2 1/2 x 3 1/8
8200
500C822T160EE2B
18.7
13.10
1 3/4 x 5 1/8
5200
500C522T200EE2B
23.5
11.70
1 3/4 x 5 1/8
9100
500C912T160BD2B
18.8
13.60
2 x 4 5/8
5800
500C582T200BD2B
24.4
12.00
2 x 4 5/8
9300
500C932T160EF2B
16.8
14.30
1 3/4 x 5 5/8
5900
500C592T200EF2B
21.0
12.80
1 3/4 x 5 5/8
9900
500C992T160CJ2B
17.0
15.10
2 1/2 x 3 5/8
6200
500C622T200CJ2B
22.3
13.20
2 1/2 x 3 5/8
10000
500C103T160BE2B
16.6
15.00
2 x 5 1/8
6700
500C672T200BE2B
21.7
13.20
2 x 5 1/8
11000
500C113T160DB2B
14.7
17.30
3 x 3 1/8
7600
500C762T200BF2B
19.6
14.30
2 x 5 5/8
12000
500C123T160BF2B
14.9
16.40
2 x 5 5/8
7600
500C762T200CC2B
20.3
14.40
2 1/2 x 4 1/8
12000
500C123T160CC2B
14.1
17.30
2 1/2 x 4 1/8
7600
500C762T200DB2B
30.3
12.10
3 x 3 1/8
14000
500C143T160CD2B
11.9
19.60
2 1/2 x 4 5/8
9000
500C902T200CD2B
17.3
16.20
2 1/2 x 4 5/8
15000
500C153T160DJ2B
11.5
20.50
3 x 3 5/8
9800
500C982T200DJ2B
23.7
14.30
3 x 3 5/8
16000
500C163T160CE2B
10.7
21.30
2 1/2 x 5 1/8
10000
500C103T200CE2B
15.8
17.60
2 1/2 x 5 1/8
18000
500C183T160DC2B
9.6
23.40
3 x 4 1/8
12000
500C123T200CF2B
13.7
19.40
2 1/2 x 5 5/8
19000
500C193T160CF2B
9.6
23.20
2 1/2 x 5 5/8
12000
500C123T200DC2B
19.7
16.30
3 x 4 1/8
21000
500C213T160DD2B
8.2
26.20
3 x 4 5/8
14000
500C143T200DD2B
16.9
18.30
3 x 4 5/8
25000
500C253T160DE2B
7.3
28.90
3 x 5 1/8
15000
500C153T200FC2B
17.1
19.30
3 1/2 x 4 1/8
25000
500C253T160FC2D
9.2
26.40
3 1/2 x 4 1/8
16000
500C163T200FG2B
14.8
20.20
3 x 5 1/8
28000
500C283T160DF2D
6.5
31.40
3 x 5 5/8
18000
500C183T200DF2B
13.3
22.00
3 x 5 5/8
29000
500C293T160DP2D
6.2
32.60
3 x 5 7/8
19000
500C193T200DP2B
15.3
20.70
3 x 5 7/8
29000
500C293T160FD2D
7.9
29.50
3 1/2 x 4 5/8
20000
500C203T200FD2B
12.7
23.30
3 1/2 x 4 5/8
34000
500C343T160FE2D
6.9
32.40
3 1/2 x 5 1/8
21000
500C213T200FE2D
13.4
23.30
3 1/2 x 5 1/8
38000
500C383T160FF2D
6.2
35.10
3 1/2 x 5 5/8
24000
500C243T200FF2D
12.0
25.30
3 1/2 x 5 5/8
40000
500C403T160FP2D
5.9
36.50
3 1/2 x 5 7/8
25000
500C253T200FP2D
11.5
26.30
3 1/2 x 5 7/8
41000
500C413T160DN2D
5.1
39.80
3 x 7 5/8
26000
500C263T200DN2B
11.7
26.40
3 x 7 5/8
47000
500C473T160DG2D
4.3
44.00
3 x 8 5/8
31000
500C313T200DG2B
9.6
29.60
3 x 8 5/8
56000
500C563T160FN2D
4.9
44.30
3 1/2 x 7 5/8
35000
500C353T200FN2D
9.3
32.10
3 1/2 x 7 5/8
65000
500C653T160FG2D
4.2
48.80
3 1/2 x 8 5/8
40000
500C403T200FG2D
7.9
35.50
3 1/2 x 8 5/8
200 Vdc (250 Vdc Surge)
250 Vdc (300 Vdc Surge)
540
500C541T200AK2B
206.0
2.30
1 3/8 x 1 5/8
380
500C381T250AK2B
260.0
2.00
1 3/8 x 1 5/8
770
500C771T200AA2B
140.0
3.00
1 3/8 x 2 1/8
680
500C681T250AA2B
156.0
2.90
1 3/8 x 2 1/8
970
500C971T200AH2B
101.0
3.90
1 3/8 x 2 5/8
830
500C831T250AH2B
119.0
3.50
1 3/8 x 2 5/8
1400
500C142T200AB2B
78.5
4.60
1 3/8 x 3 1/8
1100
500C112T250AB2B
87.5
4.40
1 3/8 x 3 1/8
1500
500C152T200EA2B
79.1
4.70
1 3/4 x 2 1/8
1100
500C112T250EA2B
99.1
4.20
1 3/4 x 2 1/8
1600
500C162T200BA2B
82.0
5.00
2 x 2 1/8
1200
500C122T250BA2B
94.6
4.60
2 x 2 1/8
1700
500C172T200AJ2B
63.9
5.40
1 3/8 x 3 5/8
1300
500C132T250EH2B
82.8
4.90
1 3/4 x 2 5/8
1700
500C172T200EH2B
62.5
5.70
1 3/4 x 2 5/8
1400
500C142T250AJ2B
69.5
5.20
1 3/8 x 3 5/8


Similar Part No. - 500C194U010EC2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C194U010EC2B CDE-500C194U010EC2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C194U010EC2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com