Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4235G2V-15M Datasheet(PDF) 1 Page - STMicroelectronics

Part # PSD4235G2V-15M
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-15M Datasheet(HTML) 1 Page - STMicroelectronics

  PSD4235G2V-15M Datasheet HTML 1Page - STMicroelectronics PSD4235G2V-15M Datasheet HTML 2Page - STMicroelectronics PSD4235G2V-15M Datasheet HTML 3Page - STMicroelectronics PSD4235G2V-15M Datasheet HTML 4Page - STMicroelectronics PSD4235G2V-15M Datasheet HTML 5Page - STMicroelectronics PSD4235G2V-15M Datasheet HTML 6Page - STMicroelectronics PSD4235G2V-15M Datasheet HTML 7Page - STMicroelectronics PSD4235G2V-15M Datasheet HTML 8Page - STMicroelectronics PSD4235G2V-15M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
1/89
PRELIMINARY DATA
December 2001
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PSD4235G2
Flash In-System Programmable (ISP) Peripherals
For 16-bit MCUs (5V Supply)
FEATURES SUMMARY
PSD provides an integrated solution to 16-bit MCU
based applications that includes configurable
memories, PLD logic and I/O:
s
Dual Bank Flash Memories
– 4 Mbit of Primary Flash Memory (8 uniform
sectors, 32K x 16)
– 256 Kbit Secondary Flash Memory with 4
sectors
– Concurrent operation: read from one memory
while erasing and writing the other
s
64 Kbit SRAM (Battery Backed)
s
PLD with macrocells
– Over 3000 Gates of PLD: CPLD and DPLD
– CPLD with 16 Output Macrocells (OMCs) and
24 Input Macrocells (IMCs)
– DPLD – user defined internal chip select de-
coding
s
Seven l/O Ports with 52 I/O pins
– 52 individually configurable I/O port pins that
can be used for the following functions:
– MCU I/Os
–PLD I/Os
– Latched MCU address output
– Special function l/Os
– l/O ports may be configured as open-drain
outputs
s
In-System Programming (ISP) with JTAG
– Built-in JTAG compliant serial port allows full-
chip In-System Programmability
– Efficient manufacturing allow easy product
testing and programming
– Use low cost FlashLINK cable with PC
s
Page Register
– Internal page register that can be used to ex-
pand the microcontroller address space by a
factor of 256
s
Programmable power management
s
High Endurance:
– 100,000 Erase/Write Cycles of Flash Memory
– 1,000 EraseWrite Cycles of PLD
– 15 Year Data Retention
s
Single Supply Voltage
–5V ±10%
s
Memory Speed
– 70ns Flash memory and SRAM access time
Figure 1. Packages
TQFP80 (U)


Similar Part No. - PSD4235G2V-15M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235G2V-15M STMICROELECTRONICS-PSD4235G2V-15M Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
PSD4235G2V-15MI STMICROELECTRONICS-PSD4235G2V-15MI Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
More results

Similar Description - PSD4235G2V-15M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4135G2 STMICROELECTRONICS-PSD4135G2 Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com