Electronic Components Datasheet Search |
|
401C194M010AF8 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
401C194M010AF8 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 7 page Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com Outline Drawings Case Dimensions Part Numbering System 401C Type Terminal 8 Insulation AK Case Code 100 Voltage M Tolerance 393 Capacitance (blank) = Straight Leads 0 = Bare can 8 = PVC and Standoffs 9 = Polyester and Standoffs 100 = 100 V 450 = 100 V M = ±20% T = –10% +50% U = –10% +75% 242 = 2400 µF 221 = 220 µF Case Inches Millimeters Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38 AK 1.375 1.75 0.50 0.175 0.25 0.55 34.93 44.45 12.70 4.45 6.35 13.97 AA 1.375 2.25 0.50 0.175 0.25 0.55 34.93 57.15 12.70 4.45 6.35 13.97 AH 1.375 2.75 0.50 0.175 0.25 0.55 34.98 69.85 12.70 4.45 6.35 13.97 AB 1.375 3.25 0.50 0.175 0.25 0.55 34.93 82.55 12.70 4.45 6.35 13.97 AJ 1.375 3.75 0.50 0.175 0.25 0.55 34.93 95.25 12.70 4.45 6.35 13.97 AC 1.375 4.25 0.50 0.175 0.25 0.55 34.93 107.95 12.70 4.45 6.35 13.97 AD 1.375 4.75 0.50 0.175 0.25 0.55 34.93 120.65 12.70 4.45 6.35 13.97 AE 1.375 5.25 0.50 0.175 0.25 0.55 34.93 133.35 12.70 4.45 6.35 13.97 AF 1.375 5.75 0.50 0.175 0.25 0.55 34.93 146.05 12.70 4.45 6.35 13.97 EA 1.75 2.25 0.70 0.375 0.35 0.90 44.45 57.15 17.78 9.53 8.89 22.86 EH 1.75 2.75 0.70 0.375 0.35 0.90 44.45 69.85 17.78 9.53 8.89 22.86 EB 1.75 3.25 0.70 0.375 0.35 0.90 44.45 82.55 17.78 9.53 8.89 22.86 EJ 1.75 3.75 0.70 0.375 0.35 0.90 44.45 95.25 17.78 9.53 8.89 22.86 EC 1.75 4.25 0.70 0.375 0.35 0.90 44.45 107.95 17.78 9.53 8.89 22.86 ED 1.75 4.75 0.70 0.375 0.35 0.90 44.45 120.65 17.78 9.53 8.89 22.86 EE 1.75 5.25 0.70 0.375 0.35 0.90 44.45 133.35 17.78 9.53 8.89 22.86 EF 1.75 5.75 0.70 0.375 0.35 0.90 44.45 146.05 17.78 9.53 8.89 22.86 BA 2.00 2.25 0.80 0.425 0.40 1.00 50.80 57.15 20.32 10.80 10.16 25.40 BH 2.00 2.75 0.80 0.425 0.40 1.00 50.80 69.85 20.32 10.80 10.16 25.40 BB 2.00 3.25 0.80 0.425 0.40 1.00 50.80 82.55 20.32 10.80 10.16 25.40 BJ 2.00 3.75 0.80 0.425 0.40 1.00 50.80 95.25 20.32 10.80 10.16 25.40 BC 2.00 4.25 0.80 0.425 0.40 1.00 50.80 107.95 20.32 10.80 10.16 25.40 BD 2.00 4.75 0.80 0.425 0.40 1.00 50.80 120.65 20.32 10.80 10.16 25.40 BE 2.00 5.25 0.80 0.425 0.40 1.00 50.80 133.25 20.32 10.80 10.16 25.40 BF 2.00 5.75 0.80 0.425 0.40 1.00 50.80 146.05 20.32 10.80 10.16 25.40 |
Similar Part No. - 401C194M010AF8 |
|
Similar Description - 401C194M010AF8 |